Electronic Components Datasheet Search
  English  ▼

X  

3798LM Datasheet(PDF) 3 Page - 3M Electronics

Part # 3798LM
Description  3M™ Hot Melt Adhesive 3798LM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3798LM Datasheet(HTML) 3 Page - 3M Electronics

  3798LM Datasheet HTML 1Page - 3M Electronics 3798LM Datasheet HTML 2Page - 3M Electronics 3798LM Datasheet HTML 3Page - 3M Electronics 3798LM Datasheet HTML 4Page - 3M Electronics 3798LM Datasheet HTML 5Page - 3M Electronics 3798LM Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Hot Melt Adhesive 3798LM
Handling/Application Information (continued)
Application Techniques
1. 3M™ Hot Melt Adhesive 3798 LM is designed for application using a 3M™ Hot Melt LT Applicator (5/8" x 2") at
265°F (129°C). This applicator is designed exclusively for low-melt adhesives.
2. Apply to one surface. Make bond as soon as possible. Bond strength is maximized when open time is reduced.
3. After the bond is made, there is immediate strength and no clamping is necessary.
4. Optimum release on some substrates may require up to a 24 hour dwell time for clean removal.
5. Adhesive may bleed onto porous surfaces or cause staining. It is advisable to evaluate the adhesive on a test
substrate for undesirable e ect.
Storage and Shelf Life
Store below 120°F (49°C).
When stored at the recommended conditions, this product has a shelf life of 24 months from the date of
manufacture.
Industry Speci cations
21 CFR 175.105
Trademarks
3M is a trademark of 3M.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-
3m-products/~/3M-Hot-Melt-Adhesive-3798-LM?
N=5002385+3293194231&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-
search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=3798LM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com