Electronic Components Datasheet Search
  English  ▼

X  

2262 Datasheet(PDF) 4 Page - 3M Electronics

Part # 2262
Description  3M™ Plastic Adhesive 2262
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2262 Datasheet(HTML) 4 Page - 3M Electronics

  2262 Datasheet HTML 1Page - 3M Electronics 2262 Datasheet HTML 2Page - 3M Electronics 2262 Datasheet HTML 3Page - 3M Electronics 2262 Datasheet HTML 4Page - 3M Electronics 2262 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ISO Statement
Precautionary Information
3M™ Plastic Adhesive 2262
Handling/Application Information
Application Equipment
Note: Appropriate application equipment enhances adhesive performance. We suggest the following application equipment for the user’s evaluation in light of the
user’s particular purpose and method of application.
1. Pumping:
A. 5 gallon pail dispensing system: Use a 2:1 ratio divorced design, double acting ball check type pump, 3 oz. per cycle, 2 inch air motor, syphon feed.
B. 55 gallon dispensing system: Use a 2:1 ratio divorced design double acting ball check type pump, 3 oz. per cycle, 2 inch air motor, bung mounted.
Glands and packings in contact with adhesive should be PTFE.
2. Hoses: Fluid hoses should be 200 psi working pressure minimum, nylon lined.
3. Brushes: Brushes designed to be used with oil based paints may be used.
Directions for Use
1. Surface Preparation: Surfaces must be clean, dry and dust free. Wiping with a solvent such as methyl ethyl ketone (MEK)* will aid in removing oil and dirt.
2. Application Temperature: For best results, the temperature of the adhesive and the surfaces being bonded should be at least 65°F (18°C).
3. Application: Brush a uniform coat of adhesive on both surfaces.
4. Drying Time: Allow adhesive to dry until tacky but does not transfer to knuckle when touched (typically about 5 minutes depending on temperature, humidity, etc).
5. Bonding: When the adhesive dries to the tacky stage, you have up to 20 minutes to complete the bond. Combine the surfaces using rm pressure to ensure good
contact.
6. Cleanup: Excess adhesive may be removed with a solvent such as methyl ethyl ketone (MEK),* preferably while the adhesive is still wet.
*Note: When using solvents, extinguish all ignition sources and follow the manufacturer’s precautions and directions for use.
Storage and Shelf Life
Store product at 60-80°F (15-26°C) for maximum storage life. Higher temperatures reduce normal storage life. Lower temperatures cause increased viscosity of a
temporary nature. Rotate stock on a “ rst-in rst-out” basis.
When stored at the recommended conditions in original, unopened containers, this product has a shelf life of 30 months from date of manufacture.
Trademarks
3M is a trademark of 3M Company.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-3m-products/~/3M-Plastic-
Adhesive-2262?N=5002385+3293193728&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=2262
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards.
Refer to Product Label and Material Safety Data Sheet for health and safety information before using this product. For additional health and safety information, call 1-
800-364-3577 or (651) 737-6501.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com