Electronic Components Datasheet Search
  English  ▼

X  

2262 Datasheet(PDF) 2 Page - 3M Electronics

Part # 2262
Description  3M™ Plastic Adhesive 2262
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2262 Datasheet(HTML) 2 Page - 3M Electronics

  2262 Datasheet HTML 1Page - 3M Electronics 2262 Datasheet HTML 2Page - 3M Electronics 2262 Datasheet HTML 3Page - 3M Electronics 2262 Datasheet HTML 4Page - 3M Electronics 2262 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M™ Plastic Adhesive 2262
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Test Condition
Notes
Color
Clear
Solids Content by
Weight
25 to 28 %
Flash Point
-18 °C
0 °F
Solvent Resistance
Acetone, THF
Viscosity
375 to 675 cP
80°F(27°C)
Brook eld Viscometer RVF #2 spindle @ 20 rpm
Typical Uncured Physical Properties
Property
Values
Base
Synthetic Resin
Net Weight
7.1 to 7.5 lb/gal
Typical Performance Characteristics
Table continued on next page
180° Peel
Adhesion
Attribute
Modi er
Dwell/Cure Time
Temp C
Temp F
Substrate
Failure mode
Environmental
Condition
112 oz/in
Unsupported Vinyl 1
23C
73F
Steel
s
272 oz/in
Unsupported Vinyl 7
23C
73F
Steel
s
320 oz/in
Unsupported Vinyl 7
60C
140F
Steel
s
272 oz/in
Unsupported Vinyl 7
23C
73F
Steel
s
100%RH
136 oz/in
Unsupported Vinyl 1
23C
73F
Glass
s
240 oz/in
Unsupported Vinyl 7
23C
73F
Glass
s
TV oz/in
Unsupported Vinyl 7
60C
140F
Glass
0 oz/in
Unsupported Vinyl 7
23C
73F
Glass
s
100%RH
136 oz/in
Unsupported Vinyl 1
23C
73F
Aluminum
s
304 oz/in
Unsupported Vinyl 7
23C
73F
Aluminum
s
TV oz/in
Unsupported Vinyl 7
60C
140F
Aluminum
TV oz/in
Unsupported Vinyl 7
23C
73F
Aluminum
100%RH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com