Electronic Components Datasheet Search
  English  ▼

X  

525 Datasheet(PDF) 4 Page - 3M Electronics

Part # 525
Description  500-Series Polyurethane Products:
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

525 Datasheet(HTML) 4 Page - 3M Electronics

  525 Datasheet HTML 1Page - 3M Electronics 525 Datasheet HTML 2Page - 3M Electronics 525 Datasheet HTML 3Page - 3M Electronics 525 Datasheet HTML 4Page - 3M Electronics 525 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3M
™ 500-Series Polyurethane Products:
• Polyurethane Construction Sealant 525 • Polyurethane Sealant 540
• Polyurethane Adhesive Sealant Fast Cure 550 • Polyurethane Adhesive Sealant 551
• Polyurethane Adhesive Sealant 560
- 4 -
Directions for Use
Surface Preparation:
Surfaces to be sealed or bonded should be clean and dry. Surfaces should be free from
grease, mold release, oil, water/condensation, and other contaminants that may affect
the adhesion of the sealant. Abrading with 180 to 220 grit abrasive followed by a
solvent wipe will improve the bond strength. Suitable solvents include 3M™ Adhesive
Remover or methyl ethyl ketone (MEK).*
*When using solvents, use in a well ventilated area. Extinguish all sources of ignition in the
work area and observe product directions for use and precautionary measures. Refer to
product label and MSDS for further precautions. Always pre-test solvent to ensure it is
compatible with substrates.
Local and federal air quality regulations may regulate or prohibit the use of these products
or surface preparation and cleanup materials. Consult local and federal air quality regulations
before using these products.
Note: Alcohol will interfere with the curing process and extra care must be taken when
using alcohol as a cleaning solvent to prevent any contact with the sealant.
Primer:
Use of a primer is an extra step and cost and will depend on substrates and the final end
use. Using primer can improve the corrosion resistance of certain metals as well as
improve the durability of the bond when exposed to high humidity conditions. For most
applications, high strength bonds on metal can be achieved without the use of a primer.
Pre-testing for adhesion is suggested to determine if a primer is needed. Contact your
3M Technical Service representative for primer recommendation and application advice.
Application:
Loading the applicator gun: make sure the applicator is set up with correct plunger
attachment for cartridge or sausage pack.
Cartridge: Puncture seal in nozzle and remove the pull-tab seal at the bottom of the
cartridge. Load into applicator and fix retaining ring (if applicable). Assemble the
nozzle (if applicable) and cut to desired size and shape.
Sausage Pack: Make a 1" slit close to the crimp on one end of the sausage pack. Load
the sausage pack into the applicator barrel (slit side out). Place the rounded end of the
supplied sausage nozzle onto the slit end of the sausage package and fix with retaining
ring. Cut nozzle to desired size and shape.
Product should be used within 24 hours after seal is punctured. Dispense product with
the nozzle tip in contact with the substrate to insure good gap filling. Bonding must
occur within the first 50% of published skin time
Do not apply polyurethane sealants and adhesive sealants on frozen nor wet surfaces.
Do not apply over silicone nor in the presence of curing silicone nor hybrid products.
Avoid contact with alcohol and solvents during curing. Sealant can be tooled
immediately after applying to give desired appearance.
Cleanup:
While sealant is still soft, cleaning can be done with the same solvents used for surface
preparation. Avoid cleaning with alcohol as it will interfere with the curing process.
If sealant is already cured, removal is done mechanically with razor knife, piano wire,
sanding or 3M™ Scotch-Brite™ Molding Adhesive and Stripe Removal Disc. This
disc is available from 3M Automotive Aftermarket Division.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com