Electronic Components Datasheet Search
  English  ▼

X  

525 Datasheet(PDF) 2 Page - 3M Electronics

Part # 525
Description  500-Series Polyurethane Products:
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

525 Datasheet(HTML) 2 Page - 3M Electronics

  525 Datasheet HTML 1Page - 3M Electronics 525 Datasheet HTML 2Page - 3M Electronics 525 Datasheet HTML 3Page - 3M Electronics 525 Datasheet HTML 4Page - 3M Electronics 525 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M
™ 500-Series Polyurethane Products:
• Polyurethane Construction Sealant 525 • Polyurethane Sealant 540
• Polyurethane Adhesive Sealant Fast Cure 550 • Polyurethane Adhesive Sealant 551
• Polyurethane Adhesive Sealant 560
- 2 -
Application Ideas
Market
3M™ 500-Series Polyurethane Products:
525
540
550FC
551
560
General Industrial
X
X
X
X
X
Construction
X
X
X
X
X
Marine
–
X
X
X
–
Specialty Vehicle
–
X
X
X
X
Seals expansion
joints, construction
panels, roofing
tiles. Bonds well
to concrete.
Seals lap seams
on trucks, trains,
trailers, etc.,
and construction
panels.
Bonds and seals
many diverse
materials. Marine
deck to hull
bonding.
Bonds and seals
many diverse
materials.
550-type adhesive
sealant with longer
open time for use
in large surface
area applications.
Bonds floors,
exterior / interior
panels, roofs for
trucks, trains,
trailers, vans, etc.
Technical Data
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Properties
3M™ 500-Series Polyurethane Products:
525
540
550FC
551
560
Tack-Free Time @ 73°F and 50%
Relative Humidity
90 - 150
minutes
60 - 90
minutes
50 - 90
minutes
2 - 3
hours
50 - 60
minutes
Rate of Cure @ 73°F and 50%
Relative Humidity
1/8" (3 mm)
per 24 hour
1/8" (3 mm)
per 24 hour
3/16" (4 mm)
per 24 hour
3/16" (4 mm)
per 24 hour
3/16" (4 mm)
per 24 hour
Shore A Hardness (ASTM C661)
25
40
45
45
55
Tensile Strength (ASTM D412)
400 psi
(2.6 MPa)
300 psi
(2.1 MPa)
450 psi
(3.1 MPa)
450 psi
(3.1 MPa)
580 psi
(4 MPa)
Elongation at Break (ASTM D412)
>600%
>600%
>600%
>600%
>300%
100% Modulus (ASTM D412)
75 psi
(0.5 MPa)
125 psi
(0.9 MPa)
150 psi
(1.0 MPa)
190 psi
(1.3 MPa)
145 psi
(1.0 MPa)
Service Temperature
-22°F - 176°F
(-30°C - 80°C)
-40°F - 194°F
(-40°C - 90°C)
-40°F - 194°F
(-40°C - 90°C)
-40°F - 194°F
(-40°C - 90°C)
-40°F - 194°F
(-40°C - 90°C)
Specific Gravity
1.17
1.17
1.17
1.17
1.17
Consistency
Medium paste
Medium paste
Medium paste
Medium paste
Medium paste
VOC Content
35.1 g/l
53.7 g/l
29.0 g/l
36.5 g/l
56.0 g/l



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com