Electronic Components Datasheet Search
  English  ▼

X  

3549 Datasheet(PDF) 5 Page - 3M Electronics

Part # 3549
Description  3M Scotch-WeldTM Urethane Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3549 Datasheet(HTML) 5 Page - 3M Electronics

  3549 Datasheet HTML 1Page - 3M Electronics 3549 Datasheet HTML 2Page - 3M Electronics 3549 Datasheet HTML 3Page - 3M Electronics 3549 Datasheet HTML 4Page - 3M Electronics 3549 Datasheet HTML 5Page - 3M Electronics 3549 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3M™ Scotch-Weld™
Urethane Adhesives
3532 B/A • 3535 B/A • 3549 B/A
- 5 -
3M™ Scotch-Weld™ Urethane Adhesive 3549 B/A at room temperature
Specimens: 1/2-inch overlap fiber reinforced plastic to primed steel, 0.32-inch
bondline. Specimens were pulled at 2 inches/min.
Time (Hours)
Overlap Shear Strength (PSI)
42
611
880
16
460
24
700
48
1170
Scotch-Weld Urethane Adhesive 3549 B/A at various temperatures
Specimens: 1/2-inch overlap fiber reinforced plastic to primed steel, .032-inch
bondline. Specimens were placed in an oven at designated temperature for the
specified time. Bonds were then cooled for 1 min. and pulled at a rate of 2 inches/min.
Temperature
Time (Minutes)
Overlap Shear Strength (PSI)
150°F (66°C)
20
53
30
227
40
259
50
508
180°F (82°C)
20
293
30
391
40
576
50
684
200°F (93°C)
10
177
20
409
30
614
40
683
225°F (107°C)
10
392
20
730
Time (Minutes)
Overlap Shear Strength (PSI)
5
844
10
1055
15
1175
20
1165
30
1305
45
1490
60
1455
Typical Performance
Characteristics
(continued)
3M™ Scotch-Weld™ Urethane Adhesive 3535 B/A at 150°F (66°C)
Specimens: 1/2-inch overlap prepared from 1 x 4-inch x 2024 T-3 clad FPL etched
aluminum, .005-inch bondline. Specimens were placed in 150°F (66°C) oven and
cured for specified time. Time to reach 150°F (66°C) was 4 min. Specimens were then
removed and tested at 2-in./min. During testing the specimens were a approximately
125°F (49°C).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com