Electronic Components Datasheet Search
  English  ▼

X  

3549 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3549
Description  3M Scotch-WeldTM Urethane Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3549 Datasheet(HTML) 1 Page - 3M Electronics

  3549 Datasheet HTML 1Page - 3M Electronics 3549 Datasheet HTML 2Page - 3M Electronics 3549 Datasheet HTML 3Page - 3M Electronics 3549 Datasheet HTML 4Page - 3M Electronics 3549 Datasheet HTML 5Page - 3M Electronics 3549 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
Scotch-WeldTM
Urethane Adhesives
3532 B/A • 3535 B/A • 3549 B/A
Product Description
• 3M™ Scotch-Weld™ Urethane Adhesives 3532 B/A, 3535 B/A and 3549 B/A are
two-component, polyurethane adhesives which cure at room temperature or with
heat to form tough, impact-resistant structural bonds. Their adhesion properties are
identical and they vary only in work life, cure time and color. They provide
excellent adhesion to many primed or painted metal and plastic substrates and are
designed to develop sag resistance approximately 30 seconds after mixing.
• 3M™ Scotch-Weld™ Structural Adhesive Primer EC-3901 is suggested for use on
metal surfaces to achieve maximum resistance to water, humidity and salt spray.
(See Primer Information in Directions for Use section on page 2.)
Technical Data
January, 2010
Typical Physical
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
3M™ Scotch-Weld™
Urethane Adhesive 3532 B/A
Base
Accelerator
Color (Cured: Brown)
Off-White
Brown
Base
Polyol
Isocyanate
Net Weight (lbs./gal.)
10.3
11.2
Viscosity
Brookfield RVF #6 sp.
Brookfield RVF #5 sp.
cps @ 75°F (24°C)
@ 20 rpm: 10,000-55,000 cps
@ 10 rpm: 15,000-40,000 cps
Mix Ratio: By Weight
100
109
By Volume
100
100
Work Life: 100 grams mixed at 75°F (24°C): 5-15 min.
Time to Reach Full Cure @ 75°F (24°C) 24 hours
3M™ Scotch-Weld™
Urethane Adhesive 3535 B/A
Base
Accelerator
Color (Cured: Off-White)
White
Brown
Base
Polyol
Isocyanate
Net Weight (lbs./gal.)
10.9
11.3
Viscosity
Brookfield RVF #6 sp.
Brookfield RVF #5 sp.
cps @ 75°F (24°C)
@ 10 rpm: 5,000-40,000 cps
@ 10 rpm: 15,000-40,000 cps
Mix Ratio: By Weight
100
105
By Volume
100
100
Work Life: 100 grams mixed at 75°F (24°C): 45 sec.-240 sec.
Time to Reach Full Cure @ 75°F (24°C) 8 hours


Similar Part No. - 3549

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3549 BOURNS-3549 Datasheet
530Kb / 5P
10-Turn Precision Potentiometer
logo
Heyco.
3549 HEYCO-3549 Datasheet
134Kb / 1P
Heyco® Nylon Liquid Tight Threaded Plugs
3549 HEYCO-3549 Datasheet
134Kb / 1P
Nylon Liquid Tight Threaded Plugs
logo
Adafruit Industries
3549 ADAFRUIT-3549 Datasheet
385Kb / 2P
DIY HDMI Cable Parts - Right Angle (R bend) HDMI Plug Adapter
logo
Keystone Electronics Co...
3549 KEYSTONE-3549 Datasheet
1Mb / 4P
“AUTO” FUSE CLIPS & HOLDERS
31-07 20th
More results

Similar Description - 3549

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP125 3M-DP125 Datasheet
228Kb / 7P
Scotch-WeldTM Epoxy Adhesives
Mar 2019
DP190 3M-DP190 Datasheet
631Kb / 7P
Scotch-WeldTM Epoxy Adhesives
February, 2016
DP600NS 3M-DP600NS Datasheet
343Kb / 12P
3M™ Scotch-Weld™ Urethane
using
TE031 3M-TE031 Datasheet
319Kb / 6P
Scotch-WeldTM Polyurethane Reactive Adhesives
TE040 3M-TE040 Datasheet
319Kb / 6P
Scotch-WeldTM Polyurethane Reactive Adhesives
DP3501 3M-DP3501 Datasheet
286Kb / 6P
3M Scotch-WeldTM Epoxy Adhesives
Mar-2015
2214 3M-2214 Datasheet
552Kb / 11P
Scotch-WeldTM Epoxy Adhesives
Oct-2018
HP42 3M-HP42 Datasheet
338Kb / 6P
3M Scotch-WeldTM Pipe Sealant Anaerobic Adhesives
EC-3333 3M-EC-3333 Datasheet
216Kb / 5P
3M Scotch-WeldTM EpoxyAdhesive
EC-3532 3M-EC-3532 Datasheet
72Kb / 3P
Scotch-WeldTM Urethane Adhesive
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com