Electronic Components Datasheet Search
  English  ▼

X  

200 Datasheet(PDF) 1 Page - 3M Electronics

Part # 200
Description  3M™ FireDam™ Spray 200
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

200 Datasheet(HTML) 1 Page - 3M Electronics

  200 Datasheet HTML 1Page - 3M Electronics 200 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M™ FireDam™ Spray 200
Product Data Sheet
1. Product Description 3M™ FireDam™ Spray 200 is a sprayable material that dries
to form a tough, elastomeric coating. This material is used to firestop perimeter joints (curtainwall),
construction joints and through penetration openings. 3M™ FireDam™ Spray 200,when installed prop-erly,
will help control the transmission of fire, heat, and smoke before, during, and after exposure to fire.
Product Features
•
Up to 4-hour fire protection in
construction joints per ASTM E 1966
(UL 2079)
•
Up to 2-hour fire protection for through
penetration systems per ASTM E 814
(UL 1479) & CAN/ULC-S115
•
Highly elastic material maintains
performance with up to ± 50%
movement capabilities
•
Helps minimize sound transfer*
•
Broad range of applications
•
Improved spraying pattern –
applied with conventional airless
spray equipment
•
Robust jobsite formula (freeze/thaw
resistant and uniform seal formation
in hot or cold drying conditions)
•
Improved spraying for lower sag,
uniform coating build properties
(stays where it’s sprayed)
•
Improved hiding power to maintain
proper coating thickness
2. Applications
3M™ FireDam™ Spray 200 is ideal for sealing perimeter joints (curtain walls), construction joints and through
penetrations. Recommended for firestopping areas that require large coverage. Helps limit the spread of noxious gas and smoke. Helps
maintain the integrity of fire-rated construction. Note: when tested at 50% movement for 100 cycles in a 4-inch joint, product
remained elastomeric and did not show signs of cracking. 3M™ FireDam™ Spray 200 has been qualified for use as a replacement or
repair material in all listed systems that specify its predecessor, 3M™ FireDam™ Spray 100.
For technical support relating to 3M Fire Protection Products and Systems, call: 1-800-328-1687
For more information on 3M Fire Protection Products, visit: www.3m.com/firestop
(extensive portfolio of tested and
•
Paintable
listed building and perimeter
•
Easy clean up
joint systems)
Meets the intent of LEED® VOC guidelines—helps reduce the quantity of indoor air contaminants that
may be odorous, irritating and harmful to the comfort and well-being of the installers and occupants.
*Minimizes noise transfer—STC-Rating of 56 when tested in STC 56-rated wall assembly.
Sag-resistant, highly
elastomeric formula for
construction joints (airless
sprayer sold separately) .
3. Specifications This coating is tested and listed by independent
test agencies such as UL, ULC, Intertek. In addition, the coating has Factory Mu-
tual approval. The coating complies with the current requirements of the International
Building Code (IBC), NBCC, NFPA 5000 and NFPA 101.
Construction Joints: Has been fire tested and evaluated under the pass/fail criteria of
ASTM E 1966 (UL 2079) and CAN/ULC-S115 at the maximum extended joint width.
Perimeter Joints: Has been fire tested and evaluated under the pass/fail criteria of
ASTM E 2307 and CAN/ULC-S115 at the maximum extended joint width.
Through Penetrations: Has been fire tested and evaluated under the pass/fail criteria
of ASTM E 814 (UL 1479) Standard and CAN/ULC-S115.
Typically Specified Division
Division 7
Section 07 84 00 – Firestopping
Section 07 84 13 – Penetration Firestopping
Section 07 84 16 – Annular Space Protection
Section 07 84 43 – Fire Resistive Joint Sealants
Section 07 85 53 – Building Perimeter Firestopping
Section 07 86 00 – Smoke Seals
Section 07 92 13 – Elastomeric Joint Sealants
Section 07 92 19 – Acoustical Joint Sealants
Available in:
Gray
Red.
56
In STC 56-rated
wall assembly
SOUND BARRIER
Fire Protection
FIRE BARRIER
UP
TO
4
Meets Optional
L Requirements
SMOKE SEAL
L
±
50%
Movement
Capability
ELASTOMERIC
FILL, VOID OR CAVITY
MATERIAL FOR USE IN JOINT
SYSTEMS, THROUGH-PENETRATION
FIRESTOP SYSTEMS, AND PERIMETER
CONTAINMENT SYSTEMS
SEE UL FIRE RESISTANCE DIRECTORY
90G9
FIRESTOP SYSTEMS
SEE INTERTEK DIRECTORY
FILL, VOID, OR CAVITY
90G9
SUBJECT TO THE CONDITIONS OF
APPROVAL AS A WALL & FLOOR
PENETRATIONFIRESTOP WHEN
INSTALLED AS DESCRIBED
IN THE CURRENT EDITION OF
THE FMRC APPROVAL GUIDE
FIRESTOP SYSTEMS
SEE INTERTEK DIRECTORY


Similar Part No. - 200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
200 ETC1-200 Datasheet
3Mb / 2P
100/200
logo
Vishay Siliconix
200 VISHAY-200 Datasheet
105Kb / 4P
Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
16-Jul-07
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
TOGGLE SWITCHES - SUB MINIATURE
logo
List of Unclassifed Man...
200 ETC2-200 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
SUNMATE electronic Co.,...
200 SUNMATE-200 Datasheet
110Kb / 2P
1.3 Watts Axial Leaded Zener Diodes
More results

Similar Description - 200

ManufacturerPart #DatasheetDescription
logo
3M Electronics
6116 3M-6116 Datasheet
19Kb / 4P
3M Spray-Bond Adhesive
Jul-2003
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com