Electronic Components Datasheet Search
  English  ▼

X  

200 Datasheet(PDF) 2 Page - 3M Electronics

Part # 200
Description  3M??FireDam??Spray 200
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

200 Datasheet(HTML) 2 Page - 3M Electronics

  200 Datasheet HTML 1Page - 3M Electronics 200 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4. Performance & Typical Physical Properties
Colors Available:
Gray or Red
Unit/vol:
5 Gallon (18.9 liter) pail / 1155.0 cu. in. (18926.9 cu. cm.)
Non-Volatile Content:
65%
Viscosity:
120,000 cps with shear thinning
Coverage*:
12.8 sq. ft./gallon (0.31sq. m/liter) *calculated coverage based on 1/8 in. (3 mm) thick wet coating
Flash Point:
None
ASTM E 84:
Flame Spread <25
Smoke Developed Index <50
Dry Time:
<4 hour to tack free@70°F (21°C)/50% R.H.
<24 hours fully dry
STC Rating:
56 when installed in a 56 STC-rated wall assembly
5. Packaging, Storage, Shelf Life
Packaging
3M™ FireDam™ Spray 200 is packaged in 5 gallon (18.9 liter) plastic pails.
Storage
3M™ FireDam™ Spray 200 should be stored indoors in dry conditions. It is recommended that the pails of product remain
in heated storage at 70°F (21°C) prior to spraying material in conditions below 40°F (4°C).
Shelf Life
3M™ FireDam™ Spray 200 shelf life is 18 months from date of packaging when stored above 40°F (4°C).
Lot numbering (e.g. 8183AS): First digit = Last digit of year manufactured, second to fourth digit = Julian Date, Letters = Random to
distinguish between lot numbers.
6. Installation Techniques
Consult a 3M Authorized Fire Protection Products Distributor / Dealer or Sales Representative
for Applicable UL, cUL, ULC, Intertek or other third-party drawings and system details.
Equipment
In order to achieve the thickness and coverage necessary to comply with the tested systems, 3M™ FireDam™ Spray 200
is applied using an airless sprayer.
Pump requirements (minimum specifications)
Flow Output: 0.7 gpm minimum
Liquid Pressure: 2000 psi minimum
Motor Size: Minimum 0.75 horsepower
Recommended Tip Size: 419 (8 in. fan with 0.019 in. orifice) which can be changed based upon application conditions
Preparatory Work
Surfaces must be frost free, clean, dry and dust free.
Installation Details
Tested and listed system details must be followed for each specific application. Install mineral fiber insulation in accordance
with system details for density, depth and compressions requirements. Note: 3M™ Fire Barrier Packing Material PM-4
can be used as a suitable insulation material in through penetration applications only. Apply 3M™ FireDam™ Spray 200
using an airless sprayer. A nominal 1/8 in. (3mm) wet coating should be applied over the insulation, adjacent substrates
and penetrant (if applicable) maintaining all required overlaps.
Limitations
3M™ FireDam™ Spray 200 must be applied at a temperature between 40°F (4°C) and 110°F (43°C). 3M™ FireDam™
Spray 200 can be applied to surfaces that are 10°F (-12°C) or higher providing that the surfaces are frost free, clean, dry
and dust free. 3M™ FireDam™ Spray 200 can be applied when the ambient air temperature is 10°F (-12°C) or higher.
The drying (evaporating of water) of the 3M™ FireDam™ Spray 200 is affected by the ambient temperature and
humidity. The lower the temperatures and the higher the humidity, the slower the 3M™ FireDam™ Spray 200 will dry.
At 70°F (21°C) and 50% R.H. a 1/8 in. (3mm) thick wet coating is fully dried in 24 hours. At temperatures below 32°F
(0°C), no drying of the 3M™ FireDam™ Spray 200 will occur.
7. Maintenance Nomaintenanceisexpectedtoberequiredwheninstalledinaccordancewiththe3M™ FireDam™ Spray200Installa-
tion Guide. Once installed, if any section of the 3M™ FireDam™ Spray 200 is damaged, the following procedure will apply: Any damaged product must
be cut out and removed. The insulation material must be inspected to ensure no moisture is evident. The open area created must then be filled with new
product, installed as detailed in the original applicable 3rd party tested and listed system. The new product must overlap a minimum 1 in. (25.4 mm)
onto the previously installed product. This procedure is applicable to both current and previous formulations of 3M™ FireDam™ Spray 200 as well as
3M™ FireDam™ Spray 100 (discontinued).
8. Availability 3M™ FireDam™ Spray 200 isavailablefrom3MAuthorizedFireProtectionProductsDistributorsand
Dealers. 3M™ FireDam™ Spray 200 is available in the following 5-gallon (18.9 liter) pails: Gray (3M ID Number: 98-0400-5587-7), Red (3M ID Number:
98-0400-5598-5). For additional technical and purchasing information regarding this and other 3M Fire Protection Products, please call: 1-800-328-1687
or visit www.3m.com/firestop.
9. Safe Handling Information
Consult country-of-use Safety Data Sheet (SDS) prior to handling and disposal.
Important Notice to User:
Technical Information: The technical information, recommendations and other statements contained in this document are based upon tests or experience that 3M believes are
reliable, but the accuracy or completeness of such information is not guaranteed.
Product Use: Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use and performance of a 3M product in a particular application.
Given the variety of factors that can affect the use and performance of a 3M product, user is solely responsible for evaluating the 3M product and determining whether it is fit for a
particular purpose and suitable for user’s method of application.
Warranty and Limited Remedy: 3M warrants that each 3M Fire Protection Product will be free from defects in material and manufacture for 90 days from the date of purchase
from 3M’s authorized distributor. 3M MAKES NO OTHER EXPRESS OR IMPLIED WARRANTIES, INCLUDING ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PAR-
TICULAR PURPOSE. If a 3M product does not conform to this warranty, the sole and exclusive remedy is, at 3M’s option, replacement of the 3M product or refund of the purchase price.
Limitation of Liability: Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M product, whether direct, indirect, special, incidental or
consequential, regardless of the legal theory asserted.
Industrial Adhesives
and Tapes Division
3M Center, Building
223-2N-21 St. Paul, MN
55144-1000 USA
1-800-328-1687
www.3M.com/firestop
Please Recycle. Printed in USA. © 3M 2018. All Rights Reserved.
3M and Firedam are trademarks of 3M Company. All other
trademarks are the property of their respective owners.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com