Electronic Components Datasheet Search
  English  ▼

X  

FS1025 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FS1025
Description  Liquid Flow Sensor Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS1025 Datasheet(HTML) 4 Page - Renesas Technology Corp

  FS1025 Datasheet HTML 1Page - Renesas Technology Corp FS1025 Datasheet HTML 2Page - Renesas Technology Corp FS1025 Datasheet HTML 3Page - Renesas Technology Corp FS1025 Datasheet HTML 4Page - Renesas Technology Corp FS1025 Datasheet HTML 5Page - Renesas Technology Corp FS1025 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FS1025 Datasheet
© 2017 Integrated Device Technology, Inc.
4
December 14, 2017
Mechanical Drawings
The module dimensional drawing is located at the end of this document. The package information is the most current data available and is
subject to change without notice or revision of this document.
Ordering Information
Note: The part code depends on the application. In the part code, NG refers to “non-corrosive gas” and LQ refers to “liquid.”
Orderable Part Number
Description and Package
Shipping Packaging
Temperature
FS1025
FS1025: 0 to 7 liter/min liquid flow sensor module with
amplified analog output
Box
5°C to +75°C
Revision History
Revision Date
Description of Change
December 14, 2017
Initial release.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com