Electronic Components Datasheet Search
  English  ▼

X  

FS1025 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # FS1025
Description  Liquid Flow Sensor Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS1025 Datasheet(HTML) 1 Page - Renesas Technology Corp

  FS1025 Datasheet HTML 1Page - Renesas Technology Corp FS1025 Datasheet HTML 2Page - Renesas Technology Corp FS1025 Datasheet HTML 3Page - Renesas Technology Corp FS1025 Datasheet HTML 4Page - Renesas Technology Corp FS1025 Datasheet HTML 5Page - Renesas Technology Corp FS1025 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Liquid Flow Sensor Module
FS1025
Datasheet
© 2017 Integrated Device Technology, Inc.
1
December 14, 2017
Description
The FS1025 MEMS Liquid Flow Sensor Module measures the flow
rate using the thermo-transfer (calorimetric) principle. The FS1025
is designed to measure liquids.
The FS1025 offers key advantages over resistor-based flow
solutions. The sensor utilizes thermopile sensing, which provides
an excellent signal-to-noise ratio. The sensor comprises a “solid”
thermal isolation technology and silicon-carbide coating, which
protects it from abrasive wear and provides robustness and long-
term reliability. In comparison, other sensors typically contain a
fragile membrane above an etched cavity for the thermal isolation
base.
There are no moving mechanical parts that can break in contrast
to other flow meter types, such as a turbine-type meter. The
FS1025 has minimal flow resistance, making it highly suitable for
gravity-feed applications or for replacing a high-power pump with a
lower power device.
The FS1025 complies with the NSF/ANSI 61: Drinking Water
System Components – Health Effects standard.
Typical Applications
Beverage equipment
Liquid-dispensing system
Process controls and monitoring
Fluid leak detection
Features
Liquid flow: 0 to 7 liters/min
Robust “solid” isolation technology
Resistant to surface contamination
No cavity to cause clogging
Resistant to vibration and pressure shock
Low-power application
Minimal flow resistance
Fast response: < 5ms
Flow voltage output: 0V to 4.5V (uncalibrated)
Thermistor voltage output: 1V to 4.5V
Supply voltage: 5V
Module operating temperature range: 5°C to +75°C
FS1025 Flow Sensor Module


Similar Part No. - FS1025

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FS1025-1001-DG RENESAS-FS1025-1001-DG Datasheet
544Kb / 11P
Gas Flow Sensor Module
FS1025-2001-DL RENESAS-FS1025-2001-DL Datasheet
499Kb / 12P
Liquid Flow Sensor Module
Jul 1, 2021
FS1025-DG RENESAS-FS1025-DG Datasheet
544Kb / 11P
Gas Flow Sensor Module
FS1025-DL RENESAS-FS1025-DL Datasheet
499Kb / 12P
Liquid Flow Sensor Module
Jul 1, 2021
More results

Similar Description - FS1025

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
FS1012 IDT-FS1012 Datasheet
298Kb / 6P
Gas and Liquid Flow Sensor Module
logo
Renesas Technology Corp
FS1012 RENESAS-FS1012 Datasheet
422Kb / 9P
Gas and Liquid Flow Sensor Module
FS1023 RENESAS-FS1023 Datasheet
439Kb / 7P
Liquid Flow Sensor Module
FS1027 RENESAS-FS1027 Datasheet
567Kb / 6P
Liquid Flow Sensor Module
FS1025-DG RENESAS-FS1025-DG Datasheet
544Kb / 11P
Gas Flow Sensor Module
FS1027-DG RENESAS-FS1027-DG Datasheet
532Kb / 11P
Gas Flow Sensor Module
FS1023-DL RENESAS-FS1023-DL Datasheet
481Kb / 12P
Liquid Flow Sensor Module
08/30/2022
FS1025-DL RENESAS-FS1025-DL Datasheet
499Kb / 12P
Liquid Flow Sensor Module
Jul 1, 2021
FS1027-DL RENESAS-FS1027-DL Datasheet
491Kb / 12P
Liquid Flow Sensor Module
Jul 1, 2021
logo
Sciosense B.V.
UFM-01 SCIOSENSE-UFM-01 Datasheet
1Mb / 2P
Ultrasonic Flow Sensor Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com