Electronic Components Datasheet Search
  English  ▼

X  

ZMOD4450AI1R Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ZMOD4450AI1R
Description  Gas Sensor Module for Refrigeration Air Quality
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4450AI1R Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ZMOD4450AI1R Datasheet HTML 6Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 7Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 8Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 9Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 10Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 11Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 12Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 13Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ZMOD4450 Datasheet
© 2019 Integrated Device Technology, Inc.
10
October 30, 2019
8.2 Environmental Temperature and Humidity
The sensor module is tested, qualified, and functional in the operation range of 0°C to +25°C. Figure 3 shows the module’s response during
operation to variations in relative humidity with and without ethylene stimulation.
Figure 3. Humidity Influence at 4°C for Ethylene Stimulation
8.3 Accuracy and Conditioning
All IDT gas sensor modules come with electrical and chemical factory calibration with data stored in the module’s nonvolatile memory (NVM).
Using the software provided by IDT and the calibration coefficients in the NVM will lead to stable measurements. The ZMOD4450 will respond
to typical refrigeration gases immediate upon start-up; however, a conditioning period of 48 hours in a refrigeration environment is recommended
to improve stability and get maximum performance, as the module algorithm is able to learn about the refrigeration environment over time.
Users who require an absolute measurement with the maximum achievable accuracy are advised to re-calibrate the sensor with a known
organic compound. This enables an absolute accuracy of ±15%; see Table 7. For some environments, an interference response to siloxanes
is of concern; however, IDT’s ZMOD4450 gas sensors have been proven to be resistant against siloxanes. A maximum potential life-time
exposure has been simulated in all ZMOD4450 operation modes by applying the chemicals D4 (octamethylcyclotetrasiloxane) and D5
(decamethylcyclopentasiloxane) in high concentration for several hundred hours.
Table 7.
Typical ZMOD4450 Sensor Module Accuracy Achievable with Calibration
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
Accuracy
With additional calibration
±15
%
Durability to Siloxanes
Change in sensitivity
±5
%
1E+5
1E+6
1E+7
50
60
70
80
90
100
Relative Humidity [%]
Clean Air
Ethylene 0.2 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com