Electronic Components Datasheet Search
  English  ▼

X  

ZMOD4450AI1R Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ZMOD4450AI1R
Description  Gas Sensor Module for Refrigeration Air Quality
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMOD4450AI1R Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ZMOD4450AI1R Datasheet HTML 8Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 9Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 10Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 11Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 12Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 13Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 14Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 15Page - Renesas Technology Corp ZMOD4450AI1R Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ZMOD4450 Datasheet
© 2019 Integrated Device Technology, Inc.
12
October 30, 2019
11. Test and Calibration
As a unique feature, all sampled gas sensor modules are fully tested during IDT’s final test. The final test parameters in Table 8 are applied for
each ZMOD4450. All sensor modules are additionally pre-stabilized in the final test; although the user might see a small change in the module’s
raw signal during an initial warm-up phase during the first operation. The gas sensor module qualification is based on JEDEC (JESD47) and its
subsequent standard (JESD22, JESD78, etc.).
Table 8.
Final Test Parameters
Test
Test Object
Parameters
Test Results Saved in NVM?
Electrical
ASIC
Voltages, current consumption, frequencies, scan pattern
No
Electrical
Module
Calibration conditions, tracking ID, resistances
Yes
Gas
Module
Sensitivity parameters (slope and intercept) at stimulation with different gas
concentrations
Yes
Gas
Module
Pre-stabilization
No
12. I2C Interface and Data Transmission Protocol
The I2C slave device interface supports various bus speeds: Standard Mode (≤100kHz) and Fast Mode (≤ 400kHz).
By default, the 7-bit slave address for the serial I2C data interface is set to 32HEX. The implemented data transmission protocol is similar to the
one used for conventional EEPROM devices. The register to read/write is selected by a register address pointer. This address pointer must be
set during an I2C WRITE operation. After transmission of a register, the address pointer is automatically incremented. An increment from the
address FFHEX rolls over to 00HEX. See Figure 5 for an illustration of the data transmission protocol and Figure 5 for a diagram of the bus timing.
Table 9 gives the I2C bus characteristics.
Recommendation: To validate the READ/WRITE access, write random values to registers 88HEX to 8BHEX and then read these addresses to
confirm new values. After this register test, reset the device by disconnecting the power support; otherwise the device might not operate properly.
Figure 5. I2C Data Transmission Protocol
Write
Read
Write
From master to slave
From slave to master
S
START condition
P
STOP condition
A
N
Acknowledge
Not acknowledge
WRITE Access RAM
READ Access NVM and RAM
0
S
Slave Addr
7 Bit
1
A
Address
8 Bit
N P
Data
8 Bit
A S
Slave Addr
7 Bit
A
A
Data
8 Bit
A
Data
8 Bit
...
0
S
Slave Addr
7 Bit
A
Address
P
Data
8 Bit
A
A
Data
8 Bit
A
Data
8 Bit
...
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com