Electronic Components Datasheet Search
  English  ▼

X  

ZSC31010 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ZSC31010
Description  RBicLiteTM Analog Output Sensor Signal Conditioner
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31010 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ZSC31010 Datasheet HTML 1Page - Renesas Technology Corp ZSC31010 Datasheet HTML 2Page - Renesas Technology Corp ZSC31010 Datasheet HTML 3Page - Renesas Technology Corp ZSC31010 Datasheet HTML 4Page - Renesas Technology Corp ZSC31010 Datasheet HTML 5Page - Renesas Technology Corp ZSC31010 Datasheet HTML 6Page - Renesas Technology Corp ZSC31010 Datasheet HTML 7Page - Renesas Technology Corp ZSC31010 Datasheet HTML 8Page - Renesas Technology Corp ZSC31010 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
RBicLiteTM Analog Output
Sensor Signal Conditioner
ZSC31010
Datasheet
© 2016 Integrated Device Technology, Inc.
1
January 20, 2016
ZSC31010
Bsink
VBP
VBN
VSS
Sig™
Vgate
0.1µF
Vsupply
Ground
+4.5 to +5.5 V
OUT/OWI
VDD
10nF
Brief Description
The ZSC31010 is a sensor signal conditioner inte-
grated circuit, which enables easy and precise
calibration of resistive bridge sensors via EEPROM.
When mated to a resistive bridge sensor, it will
digitally correct offset and gain with the option to
correct offset and gain coefficients and linearity over
temperature. A second-order compensation can be
enabled for temperature coefficients of gain or offset
or bridge linearity. The ZSC31010 communicates via
IDT’s
ZACwire™
serial
interface
to
the
host
computer and is easily mass calibrated in a
Windows® environment. Once calibrated, the output
pin Sig™ can provide selectable 0 to 1 V, rail-to-rail
ratiometric analog output, or digital serial output of
bridge data with optional temperature data.
Features
• Digital compensation of sensor offset, sensitivity,
temperature drift, and non-linearity
• Accommodates differential sensor signal spans,
from 3 mV/V to 105 mV/V
• ZACwire™ One-Wire Interface (OWI)
• Internal temperature compensation and detection
via bandgap PTAT (proportional to absolute
temperature)
• Output options: rail-to-rail analog output voltage,
absolute analog voltage, digital ZACwire™ One-
Wire Interface (OWI)
• Optional sequential output of both temperature
and bridge readings on ZACwire™ digital output
• Fast response time, 1 ms (typical)
• High voltage protection up to 30 V with
external JFET
• Chopper-stabilized true differential ADC
• Buffered and chopper-stabilized output DAC
Benefits
• No external trimming components required
• Simple PC-controlled configuration and
calibration via ZACwire™ One-Wire Interface
• High accuracy (±0.1% FSO @ -25 to 85°C;
±0.25% FSO @ -50 to 150°C)
• Single pass calibration – quick and precise
• Suitable for battery-powered applications
• Small SOP8 package
Available Support
• Development Kit available
• Mass Calibration Kit available
• Support for industrial mass calibration available
• Quick circuit customization possible for large
production volumes
Physical Characteristics
• Supply voltage 2.7 to 5.5 V, with external JFET
5.5V to 30 V
• Current consumption depending on adjusted
sample rate: 0.25 mA to 1 mA
• Wide operational temperature: –50 to +150°C
ZSC31010 Application Circuit – Digital Output


Similar Part No. - ZSC31010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSC31010 ETC2-ZSC31010 Datasheet
821Kb / 47P
RBicLite??Low-Cost Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
Analog Output Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010CEB ETC2-ZSC31010CEB Datasheet
827Kb / 46P
ZSC31010 RBicLite??Low-Cost Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31010CEB IDT-ZSC31010CEB Datasheet
436Kb / 43P
Analog Output Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010CEC ETC2-ZSC31010CEC Datasheet
827Kb / 46P
ZSC31010 RBicLite??Low-Cost Sensor Signal Conditioner
More results

Similar Description - ZSC31010

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZSC31014 ZMD-ZSC31014 Datasheet
239Kb / 2P
Digital Output Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31015 ETC2-ZSC31015 Datasheet
1Mb / 53P
RBicdLite Analog Output Sensor Signal Conditioner with Diagnostic Features
ZSSC3154 ETC2-ZSSC3154 Datasheet
1Mb / 24P
Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Integrated Device Techn...
ZSC31015 IDT-ZSC31015 Datasheet
907Kb / 52P
Analog Output Sensor Signal Conditioner with Diagnostic Features
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
Analog Output Sensor Signal Conditioner
ZSSC3154 IDT-ZSSC3154 Datasheet
341Kb / 28P
Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Renesas Technology Corp
ZSC31015 RENESAS-ZSC31015 Datasheet
1Mb / 53P
RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
ZSSC3154 RENESAS-ZSSC3154 Datasheet
654Kb / 29P
Automotive Sensor Signal Conditioner with Dual Analog Output
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
Automotive Sensor Signal Conditioner with Analog Output
ZSSC4151C RENESAS-ZSSC4151C Datasheet
1Mb / 33P
Automotive Sensor Signal Conditioner with Analog Output
March 25, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com