Electronic Components Datasheet Search
  English  ▼

X  

ZSC31010CEC Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ZSC31010CEC
Description  RBicLiteTM Analog Output Sensor Signal Conditioner
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31010CEC Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ZSC31010CEC Datasheet HTML 29Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 30Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 31Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 32Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 33Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 34Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 35Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 36Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
ZSC31010 Datasheet
© 2016 Integrated Device Technology, Inc.
33
January 20, 2016
3.6.2.7.
SOT Interpretation
SOT is a 2
nd order term that can apply to one and only one of the following: bridge non-linearity correction, Tco
non-linearity correction, or Tcg non-linearity correction.
As it applies to bridge non-linearity correction:
Resolution: 0.25% @ Full Scale
2
nd order correction SOT_BR is possible up to +5%/-6.2% full scale difference from the ideal fit (straight line),
because the SOT coefficient values are limited to the range of (0xC0 = -0.25dec) to (0x7F = 0.4960938dec).
(Saturation in internal arithmetic will occur at greater negative non-linearities.)
Limitation: Using any calibration method for which SOT is applied to the bridge measurement (SOT_BR), there
is a possibility of calibration math overflow. This only occurs if the sensor input exceeds 200% of the calibrated full
span, which means the highest applied sensor input should never go higher than this value.
Example: This example of the limitation when SOT is applied to the bridge reading uses a pressure sensor bridge
that outputs -10 mV at the lowest pressure of interest. That point is calibrated to read 0%. The same sensor
outputs +40 mV at the highest pressure of interest. That point is calibrated to read 100%. This sensor has a
50 mV span over the pressure range of interest. If the sensor were to experience an over-pressure event that took
the sensor output up to 90 mV (200% of span), the internal calculations could overflow. The result would be a
corrected bridge reading that would not be saturated at 100% as expected, but instead read a value lower than
100%. This problem only occurs when SOT is applied to correct the bridge reading.
As SOT applies to Tcg:
Resolution: 0.3 ppm/(
oC)2
Range:
±38 ppm/(
oC)2
As it applies to Tco:
Two settings are possible. It is possible to scale the effect of SOT by 8. If Tc_cfg[1] is set, then both, Tco and
SOT’s contribution to Tco, are multiplied by 8.
Resolution at unity scaling:
1.51 nV/V/(
oC)2
(input referred)
Range:
±0.192
mV/V/(oC)2
(input referred)
Resolution at 8x scaling:
12.1 nV/V/(
oC)2
(input referred)
Range:
±1.54
mV/V/(oC)2
(input referred)
Limitation: If the second order term SOT applies to Tco, the bridge gain Gain_B is limited to values equal or less
than 8 (instead of 64).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com