Electronic Components Datasheet Search
  English  ▼

X  

ZSC31010CEC Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ZSC31010CEC
Description  RBicLiteTM Analog Output Sensor Signal Conditioner
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31010CEC Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ZSC31010CEC Datasheet HTML 3Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 4Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 5Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 6Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 7Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 8Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 9Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 10Page - Renesas Technology Corp ZSC31010CEC Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
ZSC31010 Datasheet
© 2016 Integrated Device Technology, Inc.
7
January 20, 2016
1.3.
Electrical Parameters
See important table notes at the end of the table. Note: For parameters marked with an asterisk, there is no
verification in mass production; the parameter is guaranteed by design and/or quality observation.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.1.
Supply/Regulation Characteristics
Supply Voltage
VDD
2.7
5.0
5.5
V
Supply Current (varies with
update rate and output mode)
IDD
At minimum update rate
0.25
mA
At maximum update rate
1.0
1.2
Temperature Coefficient –
Regulator (worst case) *
TCREG
Tem. -10°C to 120°C
35
ppm/K
Temp. < -10°C and > 120°C
100
Power Supply Rejection Ratio *
PSRR
DC < 100 Hz (JFET
regulation loop using
mmbf4392 and 0.1 µF
decoupling cap)
60
dB
AC < 100 kHz (JFET
regulation loop using
mmbf4392 and 0.1
mF
decoupling cap)
45
dB
Power-On Reset Level
POR
1.4
2.6
V
1.3.2.
Analog Front-End (AFE) Characteristics
Leakage Current Pin VBP,VBN
IIN_LEAK
±10
nA
1.3.3.
EEPROM Parameters
Number Write Cycles
nWRI_EEP
At 150
°C
At 85
°C
100
100k
Cycles
Data Retention
tWRI_EEP
At 100
°C
10
Years
1.3.4.
A/D Converter Characteristics
ADC Resolution
rADC
14
Bit
Integral Nonlinearity (INL)
1)
INLADC
-4
+4
LSB
Differential Nonlinearity (DNL) *
DNLADC
-1
+1
LSB
Response Time
TRES,ADC Varies with update rate.
Value given at fastest rate.
1
ms
1.3.5.
Analog Output (DAC and Buffer) Characteristics
Max. Output Current
IOUT
Max. current maintaining
accuracy
2.2
mA
Resolution
rOUT
Referenced to VDD
11
Bit
Absolute Error
EABS
DAC input to output
-10
+10
mV
Differential Nonlinearity *
DNL
No missing codes
-0.9
+1.5
LSB11Bit
Upper Output Voltage Limit
VOUT
RL = 2.5 kΩ
95%
VDD
Lower Output Voltage Limit
VOUT
16.5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com