Electronic Components Datasheet Search
  English  ▼

X  

DP83241BV Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83241BV
Description  CDD Device (FDDI Clock Distribution Device)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83241BV Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP83241BV Datasheet HTML 2Page - National Semiconductor (TI) DP83241BV Datasheet HTML 3Page - National Semiconductor (TI) DP83241BV Datasheet HTML 4Page - National Semiconductor (TI) DP83241BV Datasheet HTML 5Page - National Semiconductor (TI) DP83241BV Datasheet HTML 6Page - National Semiconductor (TI) DP83241BV Datasheet HTML 7Page - National Semiconductor (TI) DP83241BV Datasheet HTML 8Page - National Semiconductor (TI) DP83241BV Datasheet HTML 9Page - National Semiconductor (TI) DP83241BV Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
30 Pin Descriptions (Continued)
Symbol
Pin
IO
Description
No
VCO RST
11
I
VCO Reset
TTL compatible input used to reset the internal VCO on system power up This input
stops the VCO from oscillating when at a logic HI level thereby reinitializing each of the gates in
the ring oscillator
TXCa
3
O
Transmit Clock
100K ECL compatible differential outputs for use at 125 MHz as the fiber
medium Transmit Clock (TXC) source for the PLAYER device
TXCb
2
TBCa
27
O
Transmit Byte Clock
100K ECL compatible differential outputs for use at 125 MHz as a load
strobe or transmit byte clock by the PLAYER device to convert byte wide data to serial format for
TBCb
26
fiber medium transmission These outputs are positioned to transition on the falling edge of the
TXC a clock output to provide the maximum setup and hold margin They are also phase
coherent with the TTL LBC1 output but the phase transition occurs approximately 10 ns earlier
LBC1 thru 5
25 24
O
Local Byte Clocks
TTL compatible local byte clock outputs which are phase locked to crystal
oscillator reference signals These outputs have a 50% duty cycle waveform at 125 MHz The
23 22 21
PHASE SEL input determines whether the five phase outputs are phase offset by 8 ns or 16 ns
LSC
20
O
Local Symbol Clock
TTL compatible 25 MHz output for driving the BMAC device This output’s
negative phase transition is aligned with the LBC1 output transitions and has a 40% HI and 60%
LOW duty cycle
PHASE SEL
19
I
Phase Select
TTL compatible input used to select eithera8nsor16ns phase offset between
the 5 local byte clocks The LBC’s are phase offset 8 ns apart when PHASE SEL is at a logic LOW
level and 16 ns apart when at a logic HI level
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com