Electronic Components Datasheet Search
  English  ▼

X  

DP83241BV Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83241BV
Description  CDD Device (FDDI Clock Distribution Device)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83241BV Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP83241BV Datasheet HTML 8Page - National Semiconductor (TI) DP83241BV Datasheet HTML 9Page - National Semiconductor (TI) DP83241BV Datasheet HTML 10Page - National Semiconductor (TI) DP83241BV Datasheet HTML 11Page - National Semiconductor (TI) DP83241BV Datasheet HTML 12Page - National Semiconductor (TI) DP83241BV Datasheet HTML 13Page - National Semiconductor (TI) DP83241BV Datasheet HTML 14Page - National Semiconductor (TI) DP83241BV Datasheet HTML 15Page - National Semiconductor (TI) DP83241BV Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
50 Detailed Information (Continued)
TABLE 5-1 Special External Components
Crystal Resonator
Part
C5410N
Manufacturer
NEL
Key Specifications
125000 MHz Center Frequency
20 PPM Accuracy 0 Cto a70 C
15 pF Load Capacitance
Varactor Diode
Part
MV2105
Manufacturer
Motorola
Key Specifications
Cap Tolerance g10%
VHF NPN Transistor
Part
PN3563
Manufacturer
National Semiconductor
Key Specifications
Inductor
Part
Manufacturer
Key Specifications
1
Turns
52 CONCENTRATOR AND DUAL ATTACH STATION
CONFIGURATIONS
521 Concentrator Applications
An application where many of the features of the CDD de-
vice are used is a FDDI concentrator A concentrator is
used to connect several workstations and peripherals to a
single node in the network A concentrator provides the abil-
ity to easily bypass or insert multiple stations into the net-
work The CDD device in each station is driven from a com-
mon oscillator instead of each CDD device being driven by
its own crystal In a small concentrator the same LBC
phase can be used in each station since the data flight time
from one board to another is small compared to the LBC
period and the skew between the CDD devices on the two
boards is minimal In a larger concentrator configuration
where this skew becomes too large the data setup time of
the downstream station will be directly impacted One way
to avoid this problem is to latch data into the next station
The strobe for the latch will be supplied by one of the LBC
outputs from the upstream station’s CDD device An LBC
output phase is chosen that occurs after the physical layer
data is stable Assuming that the data and LBC flight times
are equal the LBC output will latch data for the next station
The LBC output phase should be selected to give the opti-
mum setup and hold time for the receiving station’s physical
layer function
TLF10385 – 8
FIGURE 5-3 Small Concentrator Application
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com