Electronic Components Datasheet Search
  English  ▼

X  

INA592 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA592
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA592 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA592 Datasheet HTML 15Page - Texas Instruments INA592 Datasheet HTML 16Page - Texas Instruments INA592 Datasheet HTML 17Page - Texas Instruments INA592 Datasheet HTML 18Page - Texas Instruments INA592 Datasheet HTML 19Page - Texas Instruments INA592 Datasheet HTML 20Page - Texas Instruments INA592 Datasheet HTML 21Page - Texas Instruments INA592 Datasheet HTML 22Page - Texas Instruments INA592 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
6.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM =VOUT = VS / 2, RL = 10 kΩ, REF pin connected to ground, and G = 1/2 (unless otherwise
noted)
Capactiance (pF)
10
100
1000
0
10
20
30
40
50
60
70
80
RISO = 0
RISO = 25
RISO = 50
VS = ±18 V
Figure 6-49. Small-Signal Overshoot vs Capacitive Load G = 1/2
Capactiance (pF)
10
100
1000
0
10
20
30
40
50
RISO = 0
RISO = 25
RISO = 50
VS = ±18 V
Figure 6-50. Small-Signal Overshoot vs Capacitive Load G = 2
Time (1 Ps/div)
VIN
VIN
VOUT
VS = ±18 V
Figure 6-51. Small-Signal Step Response G = 1/2
Time (1 Ps/div)
VIN
VIN
VOUT
VS = ±18 V
Figure 6-52. Small-Signal Step Response G = 2
Frequency (Hz)
0.0001
0.001
0.01
0.1
1
100
1k
10k
-120
-100
-80
-60
-40
RLoad = 10k :
RLoad = 2k :
RLoad = 600 :
VS = ±18 V
VOUT = 3.5 Vrms
Figure 6-53. THD+N vs Frequency G = 1/2
Frequency (Hz)
0.0001
0.001
0.01
0.1
1
100
1k
10k
-120
-100
-80
-60
-40
RLoad = 10k :
RLoad = 2k :
RLoad = 600 :
VS = ±18 V
Vout = 3.5 Vrms
Figure 6-54. THD+N vs Frequency G = 2
www.ti.com
INA592
SBOS914D – OCTOBER 2018 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com