Electronic Components Datasheet Search
  English  ▼

X  

INA592 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # INA592
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA592 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA592 Datasheet HTML 26Page - Texas Instruments INA592 Datasheet HTML 27Page - Texas Instruments INA592 Datasheet HTML 28Page - Texas Instruments INA592 Datasheet HTML 29Page - Texas Instruments INA592 Datasheet HTML 30Page - Texas Instruments INA592 Datasheet HTML 31Page - Texas Instruments INA592 Datasheet HTML 32Page - Texas Instruments INA592 Datasheet HTML 33Page - Texas Instruments INA592 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
The difference amplifier is a highly versatile building block that is useful in a wide variety of applications. See the
INA105 data sheet for additional applications ideas, including:
• Current Receiver with Compliance to Rails
• Precision Unity-Gain Inverting Amplifier
• ±10-V Precision Voltage Reference
• ±5-V Precision Voltage Reference
• Precision Unity-Gain Buffer
• Precision Average Value Amplifier
• Precision G = 2 Amplifier
• Precision Summing Amplifier
• Precision G = 1/2 Amplifier
• Precision Bipolar Offsetting
• Precision Summing Amplifier with Gain
• Instrumentation Amplifier Guard Drive Generator
• Precision Summing Instrumentation Amplifier
• Precision Absolute Value Buffer
• Precision Voltage-to-Current Converter with Differential Inputs
• Differential Input Voltage-to-Current Converter for Low IOUT
• Isolating Current Source
• Differential Output Difference Amplifier
• Isolating Current Source with Buffering Amplifier for Greater Accuracy
• Window Comparator with Window Span and Window Center Inputs
• Precision Voltage-Controlled Current Source with Buffered Differential Inputs and Gain
• Digitally Controlled Gain of ±1 Amplifier
8.2.3 Application Curve
The interaction between the output stage of an operational amplifier (op amp) and capacitive loads can impact
the stability of the circuit. Throughout the industry, op-amp output-stage requirements have changed greatly
since their original creation. Classic output stages with the class-AB, common-emitter, bipolar-junction transistor
(BJT) have now been replaced with common-collector BJT and common-drain, complementary metal-oxide
semiconductor (CMOS) devices. Both of these technologies enable rail-to-rail output voltages for single-supply
and battery-powered applications. A result of changing these output-stage structures is that the op-amp open-
loop output impedance (ZO) changed from the largely resistive behavior of early BJT op amps to a frequency-
dependent ZO that features capacitive, resistive, and inductive portions. Proper understanding of ZO over
frequency, and also the resulting closed-loop output impedance over frequency, is crucial for the understanding
of loop-gain, bandwidth, and stability analysis. Figure 8-9 shows how the INA592 closed-loop output impedance
varies over frequency.
Frequency (Hz)
0.0001
0.001
0.01
0.1
1
10
100
1000
1
10
100
1k
10k
100k
1M
10M
G = 2
G = 0.5
VS = ±18 V
Figure 8-9. Closed-Loop Output Impedance vs Frequency
INA592
SBOS914D – OCTOBER 2018 – REVISED DECEMBER 2020
www.ti.com
30
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com