Electronic Components Datasheet Search
  English  ▼

X  

ISO6731 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6731
Description  ISO6731-Q1 General-Purpose Triple-Channel Automotive Digital Isolator with Robust EMC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6731 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO6731 Datasheet HTML 7Page - Texas Instruments ISO6731 Datasheet HTML 8Page - Texas Instruments ISO6731 Datasheet HTML 9Page - Texas Instruments ISO6731 Datasheet HTML 10Page - Texas Instruments ISO6731 Datasheet HTML 11Page - Texas Instruments ISO6731 Datasheet HTML 12Page - Texas Instruments ISO6731 Datasheet HTML 13Page - Texas Instruments ISO6731 Datasheet HTML 14Page - Texas Instruments ISO6731 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
6.13 Electrical Characteristics—2.5-V Supply
VCC1 = VCC2 = 2.5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VOH
High-level output voltage
IOH = -1mA; See Figure 7-1
VCCO - 0.1 (1)
V
VOL
Low-level output voltage
IOL = 1mA; See Figure 7-1
0.1
V
VIT+(IN)
Rising input switching threshold
0.7 x VCCI (1)
V
VIT-(IN)
Falling input switching threshold
0.3 x VCCI
V
VI(HYS)
Input threshold voltage
hysteresis
0.1 x VCCI
V
IIH
High-level input current
VIH = VCCI (1) at INx
10
µA
IIL
Low-level input current
VIL = 0 V at INx
-10
µA
IIH
High-level input current
VIH = VCCI (1) at ENx
30
uA
IIL
Low-level input current
VIL = 0 V at ENx
-30
uA
CMTI
Common mode transient
immunity
VI = VCC or 0 V, VCM = 1200
V; See Figure 7-1
50
75
kV/us
Ci
Input Capacitance (2)
VI = VCC/ 2 + 0.4×sin(2πft), f = 2
MHz, VCC = 2.5 V
2.8
pF
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC
(2)
Measured from input pin to same side ground.
6.14 Supply Current Characteristics—2.5-V Supply
VCC1 = VCC2 = 2.5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO6731
Supply current - DC
signal (2)
VI = VCCI (1)(ISO6731); VI = 0 V (ISO6731 with F suffix)
ICC1
1.7
3.5
mA
ICC2
2.3
4.6
VI = 0 V (ISO6731); VI = VCCI (ISO6731 with F suffix) ICC1
4.0
6.5
ICC2
3.5
6.1
Supply current - AC signal
(3)
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1
2.8
4.9
All channels switching with square
wave clock input; CL = 15 pF
ICC2
3.0
5.5
All channels switching with square
wave clock input; CL = 15 pF
10 Mbps
ICC1
3.1
5.3
All channels switching with square
wave clock input; CL = 15 pF
ICC2
3.6
6.2
All channels switching with square
wave clock input; CL = 15 pF
50 Mbps
ICC1
4.5
7.0
All channels switching with square
wave clock input; CL = 15 pF
ICC2
6.4
9.5
(1)
VCCI = Input-side VCC
(2)
Supply current valid for ENx = VCCx and ENx = 0V
(3)
Supply current valid for ENx = VCCx
www.ti.com
ISO6731-Q1
SLASEZ0 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ISO6731-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com