Electronic Components Datasheet Search
  English  ▼

X  

ISO6731 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6731
Description  ISO6731-Q1 General-Purpose Triple-Channel Automotive Digital Isolator with Robust EMC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6731 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO6731 Datasheet HTML 9Page - Texas Instruments ISO6731 Datasheet HTML 10Page - Texas Instruments ISO6731 Datasheet HTML 11Page - Texas Instruments ISO6731 Datasheet HTML 12Page - Texas Instruments ISO6731 Datasheet HTML 13Page - Texas Instruments ISO6731 Datasheet HTML 14Page - Texas Instruments ISO6731 Datasheet HTML 15Page - Texas Instruments ISO6731 Datasheet HTML 16Page - Texas Instruments ISO6731 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
6.17 Switching Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
tPLH, tPHL
Propagation delay time
@100kbps
See Figure 7-1
11
18
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.2
7
ns
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
6
ns
tsk(pp)
Part-to-part skew time(3)
6
ns
tr
Output signal rise time
See Figure 7-1
2.6
4.5
ns
tf
Output signal fall time
2.6
4.5
ns
tPHZ
Disable propagation delay, high-to-high impedance
output
See Figure 7-2
18.6
25.8
ns
tPLZ
Disable propagation delay, low-to-high impedance
output
18.6
25.8
ns
tPZH
Enable propagation delay, high impedance-to-high
output for ISO673x
14.2
21.1
ns
tPZL
Enable propagation delay, high impedance-to-low
output for ISO673x
14.2
21.1
ns
tPU
Time from UVLO to valid output data
300
us
tDO
Default output delay time from input power loss
Measured from the time VCC goes
below 1.2V. See Figure 7-3
0.1
0.3
us
tie
Time interval error
216 – 1 PRBS data at 50 Mbps
1
ns
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
www.ti.com
ISO6731-Q1
SLASEZ0 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISO6731-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com