Electronic Components Datasheet Search
  English  ▼

X  

AF131-2 Datasheet(PDF) 2 Page - 3M Electronics

Part # AF131-2
Description  3M Scotch-WeldTM Bonding Film
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF131-2 Datasheet(HTML) 2 Page - 3M Electronics

  AF131-2 Datasheet HTML 1Page - 3M Electronics AF131-2 Datasheet HTML 2Page - 3M Electronics AF131-2 Datasheet HTML 3Page - 3M Electronics AF131-2 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Scotch-WeldTM
Bonding Film
AF 131-2
- 2 -
Product Application
The Product Performance data reported in the next section were developed using the
following recommended procedures. Other conditions are under evaluation.
I.
Surface Preparation
A thoroughly cleaned, dry, grease-free surface is essential for maximum
performance. Cleaning methods which will produce a break-free water film on
metal surfaces are generally satisfactory.
A. Aluminum Skins
1. Vapor Degrease – Hang skins in condensing vapors of perchloroethylene
for 5 minutes.
2. Alkaline Degrease – Immerse skins in Oakite No. 164 solution (9-11
oz./gallon water) at 180-200°F (82-93°C) for 10-20 minutes. Rinse in
generous quantities of clear running water.
3. Acid Etch – Place skins in either of the following solutions for 10 minutes
at 150°F ± 5°F (66°C ± 2°C). Caution: Use adequate respiratory, eye and
skin protection when using etch solutions.
Sodium Dichromate (Na2Cr2O72H2O)
4.1 - 4.9 oz./gallon
Sulfuric Acid, 66° Be
38.5 - 41.5 oz./gallon
2024T-3 aluminum (dissolved)
0.2 oz./gallon minimum
Tap Water as needed to balance
4. Rinse face sheets in clear running water.
5. Air dry 15 minutes; force dry 10 minutes with parts at 150°F ± 5°F
(66°C ± 2°C).
II. Adhesive Layup
Care should be taken to avoid contaminating adhesive and cleaned aluminum by
any substance which will hinder wetting action of the adhesive.
A. Film Application
1. Cut portion of film to be used from roll with protective liners in place.
2. Remove liner from one side of the film.
3. Place film on metal using a separating liner as a protective cover.
4. Roll film into position with a rubber roller, insuring that no air is trapped
between film and panel.
5. Remove second protective liner.
6. Assemble parts and cure. Tack if necessary at 120-180°F (49-82°C).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com