Electronic Components Datasheet Search
  English  ▼

X  

AF131-2 Datasheet(PDF) 3 Page - 3M Electronics

Part # AF131-2
Description  3M Scotch-WeldTM Bonding Film
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF131-2 Datasheet(HTML) 3 Page - 3M Electronics

  AF131-2 Datasheet HTML 1Page - 3M Electronics AF131-2 Datasheet HTML 2Page - 3M Electronics AF131-2 Datasheet HTML 3Page - 3M Electronics AF131-2 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Scotch-WeldTM
Bonding Film
AF 131-2
- 3 -
Suggested
Preparation
Procedure
(continued)
III. Cure Cycle
A. General
The tack, flow and cure initiation temperature for 3M™ Scotch-Weld™ Bonding
Film AF 131-2 is a time-temperature relationship and depends upon the rate of
heat input.
Normally, Scotch-Weld AF 131-2 will have the following properties:
Tack Temperature
120-180°F (49-82°C)
Flow Temperature
180-300°F (82-149°C)
Cure Initiation Temperature
300-350°F (149-177°C)
A minimum cure temperature of 350°F (177°C) is recommended to effect a cure
in a reasonable length of time. (Approximately 60 minutes). A cure of 90 minutes
at 350°F (177°C) and 50 psi pressure is suggested where maximum results are
desired.
B. Cure Cycle (Autoclave or Platen Press)
The following cure cycle is recommended to obtain dense glue lines which give
the strengths reported in the Product Performance section.
Cure Cycle
1. Bonding Pressure: Apply before reaching a
50 psi
bond line temperature of 150°F (66°C) and
maintain throughout press cure cycle.
2. Bond line temperature rise rate.
3°F/minute
3. Cure.
90 min. @ 350°F (177°C)
4. Temperature at which pressure is released.
200°F (93°C) or below
3-7°F / Min. Rise Rate
Test
Test Temperature
Cure Cycle Average
Overlap Shear (PSI)
-67°F (-55°C)
2000 psi
RT
2300 psi
350°F (177°C)
3000 psi
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
The following product performance data has been obtained in the 3M Laboratory under the
conditions specified. General application methods and bonding procedure are described
later. All data reported in this section was developed under a cure cycle using 50 psi
bonding pressure applied by a platen press, a 3°F/minute bond time temperature rise from
80°F to 350°F (27°C to 177°C) with 90 minutes at 350°F (177°C).
I. Aluminum to Aluminum Overlap Bonds
The following data shows typical values obtained with Scotch-Weld AF 131-2 on
aluminum overlap panels. Overlap bonds consist of 1/2" overlap unprimed 0.063"
2024T-3 bare aluminum 4" x 7" panels, with one layer of Scotch-Weld AF 131-2 film
adhesive. Tests were conducted per MMM-A-132 methods.
Product
Performance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com