Electronic Components Datasheet Search
  English  ▼

X  

30803 Datasheet(PDF) 2 Page - 3M Electronics

Part # 30803
Description  3M™ Trizact™ 8000
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

30803 Datasheet(HTML) 2 Page - 3M Electronics

  30803 Datasheet HTML 1Page - 3M Electronics 30803 Datasheet HTML 2Page - 3M Electronics 30803 Datasheet HTML 3Page - 3M Electronics 30803 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Trizact™ 8000
30803, 30804, 30805, 30806 
Page 2 of 4
 
Product Uses
Developed for paint finishing of automotive clear coat surfaces,
light industrial clear coat surfaces, marine gelcoat and paint
finishes.
For professional use only. Not intended for retail sale.
Directions for Use
1. Clean the area to be sanded with soap and water. Followed
by paint company recommended wax and grease remover.
2. Level out dirt nibs/defects/texture over large or small areas
using one of the following:
a. 3M™ Trizact™ Clearcoat Sanding Discs P1500
b. 3M™ Purple Finishing Film P1500 or P2000
c. 3M™ Wetordry™ Abrasive Sheet 1500 or 2000
3. Wipe off area with a clean cloth. Do not move onto the next
step before wiping off the swarf/dust.
4. Scratch Refinement Trizact™ 3000 – Reduces buffing time
by up to 75%.
Using a spray bottle, apply enough water to dampen the
3M™ Trizact™ 3000 before sanding the panel. Damp
sand the area to refine the scratches left from the
previous step. This will take about 4-6 passes to ensure
you get all the previous scratches out. Trizact™ abrasives
work best with high throw/stroke D/A sanders.
Recommendation is to use an orbit of 3/16” (5mm) or
more to get the optimum performance out of Trizact
abrasives. You will know the disc is cutting when the
surface appears foamy. When necessary re-dampen the
disc with water from a spray bottle to retain the foamy
appearance. Note: The 3M™ Trizact™ can be used with
or without an interface pad. Preferred usage is with the
interface pad because it is more effective on curves,
contours, edges, and minimizes a technician’s chance of
burning through the paint.
5. Wipe off area with a clean cloth while surface is still damp to
limit the amount of dust that gets into the air. Do not move
onto the next step before wiping off the Trizact™ 3000
swarf/dust.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com