Electronic Components Datasheet Search
  English  ▼

X  

30803 Datasheet(PDF) 3 Page - 3M Electronics

Part # 30803
Description  3M™ Trizact™ 8000
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

30803 Datasheet(HTML) 3 Page - 3M Electronics

  30803 Datasheet HTML 1Page - 3M Electronics 30803 Datasheet HTML 2Page - 3M Electronics 30803 Datasheet HTML 3Page - 3M Electronics 30803 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M™ Trizact™ 8000
30803, 30804, 30805, 30806 
Page 3 of 4
 
6. Scratch Refinement Trizact™ 8000 – Reduces or Eliminates
the need for Compounding
Using a spray bottle, apply enough water to dampen the
3M™ Trizact™ 8000 before sanding the panel. Damp
sand the area to refine the Trizact™ 3000 scratches left
from the previous step. This will take about 4-6 passes to
ensure you get all the previous scratches out. Trizact™
abrasives work best with high throw/stroke D/A sanders.
Recommendation is to use an orbit of 3/16” (5mm) or
more to get the optimum performance out of Trizact™
abrasives. You will know the disc is cutting when the
surface appears foamy. When necessary re-dampen the
disc with water from a spray bottle to retain the foamy
appearance. Note: The 3M™ Trizact™ discs can be used
with or without an interface pad. Preferred usage is with
the interface pad because it is more effective on curves,
contours, edges, and minimizes a technician’s chance of
burning through the paint.
7. Wipe off area with a clean cloth while surface is still damp to
limit the amount of dust that gets into the air. Do not move
onto the next step before wiping off the Trizact™ 8000
swarf/dust.
8. Buff to remove sand scratches completely.
3M Applications
External use on automotive, industrial, light industrial, and
marine finishes.
Storage and Handling
HANDLING: No special handling precautions.
STORAGE: Shelf life of 3M™ Trizact™ 8000 is up to 5 years when stored
at 60°-80° F and 35-50% R.H. Avoid high temperature and humidity
storage conditions.
Precautionary Information
Before using this product, please reference Product Label and/or Safety Data Sheet for Health
and Safety Information. Note: Laws controlling the acceptable amounts of Volatile Organic
Compounds (VOCs) vary by state, and in some cases by locality. For surface preparation and
clean-up activities, consult federal, state and local regulations regarding use of products
containing VOCs in your area.
Technical Information
The technical information, guidance, and other statements contained in this document or
otherwise provided by 3M are based upon records, tests, or experience that 3M believes to be
reliable, but the accuracy, completeness, and representative nature of such information is not
guaranteed. Such information is intended for people with knowledge and technical skills
sufficient to assess and apply their own informed judgment to the information. No license under
any 3M or third party intellectual property rights is granted or implied with this information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com