Electronic Components Datasheet Search
  English  ▼

X  

86A Datasheet(PDF) 2 Page - 3M Electronics

Part # 86A
Description  Adhesion Promoter 86A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

86A Datasheet(HTML) 2 Page - 3M Electronics

  86A Datasheet HTML 1Page - 3M Electronics 86A Datasheet HTML 2Page - 3M Electronics 86A Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Physical
Properties and
Performance
Characteristics
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Property
Active Ingredient
Polyamide Resin
Solvent
Isopropyl Alcohol, N-Propyl Alcohol
Solids
6.5%
Color
Transparent, Colorless
Viscosity
Approximately 100 cps
Flashpoint
53°F (12°C) Flammable Liquid
Package Size
Pint 16 ounces (473 ml)
Presaturated Wipes 7 in. x 7 in. (177 mm x 177 mm)
- 5 pre-packaged wipes in pouch
Net Weight
.95 lbs./pint
Storage
Store at 60-80°F (16-27°C). Lower temperature storage will cause
3M 86A Promoter to gel. See Precautionary Information.
Shelf Life
Two (2) years from date of manufacture
Property
Test Method
Units
Initial Peel Adhesion
ASTM D-1000
oz./in. (N/100mm)
[3M™ Polyurethane Protective Tape (1 hr dwell, 180° Peel)
8681HS w/ 3M 86A Promoter]
Epoxy/Glass
132.4 (145.0)
Mil-C-85285B
117.0 (128.0)
Technical Data
Adhesion Promoter 86A
Application Use:
Note: When using solvents, extinguish all ignition sources, including pilot lights. Read
and follow manufacturer's warnings and directions for use.
1) Surface Preparation
The bonding surface must be smooth, clean, dry and free of foreign matter. If necessary, the
surface should be sanded to the smoothness attainable with 320 grit sandpaper. Clean the
surface with isopropyl alcohol and allow the surface to dry prior to the application of 3M™
Adhesion Promoter 86A.* Application of 3M Promoter 86A on bare metal surfaces does not
appreciably enhance adhesive values. The danger in using 3M Promoter 86A on metal
surfaces is that it may transfer to the tape adhesive, if the tape is lifted for repositioning. If
this transfer occurs, the adhesive of the protective tape will be compromised.
Note: Towels or cloths used in the cleaning process should be untreated and lint free
(i.e. - cheesecloth or Kimwipe®).
2) Apply 3M 86A Promoter
Wipe the surface with the pre-saturated 3M 86A Promoter wipe or with cheesecloth wetted
with 3M 86A Promoter, using the minimum amount that will coat desired surface. More is
not better. Allow to dry for 10 minutes. For best results, apply 3M Polyurethane Protective
Tape with acrylic adhesive within two hours to the promoted surface.
Note: In many applications only the outer most edges of the application area may require
use of 3M 86A Promoter.
Note: 3M Tape and Boot applications over 3M 86A Promoter will be more difficult to
remove.
Note: If desired, 3M 86A Promoter may be sprayed on the surface, using most conventional
spray equipment. If dilution is required, it may be done with isopropyl alcohol.*
- 2 -



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com