Electronic Components Datasheet Search
  English  ▼

X  

86A Datasheet(PDF) 3 Page - 3M Electronics

Part # 86A
Description  Adhesion Promoter 86A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

86A Datasheet(HTML) 3 Page - 3M Electronics

  86A Datasheet HTML 1Page - 3M Electronics 86A Datasheet HTML 2Page - 3M Electronics 86A Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data
Adhesion Promoter 86A
If gelling occurs, place the can of 3M™ Adhesion Promoter 86A into a zip-lock plastic bag to keep
can and label dry. Place the can of 3M 86A Promoter into a container of hot tap water (120-140°F
[49-60°C] max.) for 30 minutes. The gels will go back into solution with no performance effects
on the product. WARNING: This is a flammable liquid! Do not heat in boiling water or on top
of stove/hot plate, in oven or open flames.
Refer to Product Label and Material Safety Data Sheet for health and safety information before
using this product. For additional health and safety information, visit www.3M.com/msds or call
1-800-364-3577 or (651) 737-6501. Consult local air quality rules and regulations which may
regulate product use.
Precautionary
Information
Please Recycle. Printed in U.S.A.
© 3M 2007 (10/07)
78-6900-9642-1
3
Aerospace and Aircraft Maintenance Division
3M Center, Building 223-1N-14
St. Paul, MN 55144-1000
1-800-235-2376
www.3M.com/aerospace
This product was manufactured under a 3M quality standard registered under AS9100 standards.
In the U.S., call toll free 1-800-235-2376, or fax 1-800-435-3082 or 651-737-2171. For U.S.
Military, call 1-866-556-5714. If you are outside of the U.S., please contact your nearest 3M
office or one of the following branches:
Australia
Austria
Brazil
Canada
61-2-498-9711 tel
01-86686-298 tel
55 19 3838-7876 tel
800-410-6880 ext. 6018 tel
61-2-498-9710 fax
01-86686-229 fax
55 19 3838-6892 fax
800-263-3489 fax
China
Denmark
France
Germany
86-21-62753535 tel
45-43-480100 tel
0810-331-300 tel
02131-14-2344 tel
86-21-62190698 fax
45-43-968596 fax
30-31-6195 fax
02131-14-3647 fax
Italy
Japan
Korea
Netherlands
02-7035-2177 tel
03-3709-8245 tel
02-3771-4114 tel
31-71-5-450-272 tel
02-7035-2125 fax
03-3709-8743 fax
02-786-7429 fax
31-71-5-450-280 fax
South Africa
Spain
Switzerland
United Kingdom
11-922-9111 tel
34-91-321-6000 tel
01-724-9114 tel
(0) 161-237-6174 tel
11-922-2116 fax
34-91-321-6002 fax
01-724-9068 fax
(0) 161-237-3371 fax
For Additional
Information
3M MAKES NO WARRANTIES, EXPRESS OR IMPLIED, INCLUDING, BUT NOT
LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS
FOR A PARTICULAR PURPOSE. User is responsible for determining whether the 3M product
is fit for a particular purpose and suitable for user’s method of application. Please remember that
many factors can affect the use and performance of a 3M product in a particular application. The
materials to be bonded with the product, the surface preparation of those materials, the product
selected for use, the conditions in which the product is used, and the time and environmental
conditions in which the product is expected to perform are among the many factors that can
affect the use and performance of a 3M product. Given the variety of factors that can affect the
use and performance of a 3M product, some of which are uniquely within the user’s knowledge
and control, it is essential that the user evaluate the 3M product to determine whether it is fit for a
particular purpose and suitable for the user’s method of application.
Important Notice
If the 3M product is proved to be defective, THE EXCLUSIVE REMEDY, AT 3M’S OPTION,
SHALL BE TO REFUND THE PURCHASE PRICE OF OR TO REPAIR OR REPLACE
THE DEFECTIVE 3M PRODUCT. 3M shall not otherwise be liable for loss or damages,
whether direct, indirect, special, incidental, or consequential, regardless of the legal theory
asserted, including, but not limited to, contract, negligence, warranty, or strict liability.
Limitation of Remedies
and Liability
3M is a trademark of 3M.
Kimwipe is a registered trademark
of Kimberly Clark, Inc.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com