Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVT
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA392DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA392DBVT Datasheet HTML 3Page - Texas Instruments OPA392DBVT Datasheet HTML 4Page - Texas Instruments OPA392DBVT Datasheet HTML 5Page - Texas Instruments OPA392DBVT Datasheet HTML 6Page - Texas Instruments OPA392DBVT Datasheet HTML 7Page - Texas Instruments OPA392DBVT Datasheet HTML 8Page - Texas Instruments OPA392DBVT Datasheet HTML 9Page - Texas Instruments OPA392DBVT Datasheet HTML 10Page - Texas Instruments OPA392DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
6.5 Electrical Characteristics: VS = ±0.85 V to ±2.75 V (VS = 1.7 V to 5.5 V)
at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VO = VS / 2, and VS = ±0.85 V to ±2.75 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5.0 V
±1
±10
μV
VCM = (V+) – 200 mV
±2
±25
TA = –40°C to +125°C
±100
VCM = (V–), TA = –40°C to 125°C
±75
dVOS/dT
Input offset voltage drift VS = 5.0 V
TA = 0°C to 85°C
±0.1
μV/°C
TA = –40°C to +125°C
±0.6
VCM = 5.0 V,
TA = –40°C to +125°C
±0.16
±0.8
PSRR
Power supply rejection
ratio
VCM = (V–)
±30
μV/V
TA = –40°C to +125°C
±80
INPUT BIAS CURRENT
IB
Input bias current
±0.01
±0.8
pA
TA = –40°C to +85°C
±5
TA = –40°C to +125°C
±30
IOS
Input offset current
±0.01
±0.8
pA
TA = –40°C°C to +85°C
±5
TA = –40°C to +125°C
±30
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
1.7
μVPP
eN
Input voltage noise
density
f = 10 Hz
42
nV/√Hz
f = 1 kHz
6
f = 10 kHz
4.0
iN
Input current noise
f = 1 kHz
40
fA/√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
range
(V–)
(V+)
V
CMRR
Common-mode
rejection ratio
(V–) < VCM < (V+) – 1.5 V
75
120
dB
VS = 5.5 V
85
120
TA = –40°C to +125°C
110
(V–) < VCM < (V+)
VS = 5.5 V
88
120
TA = –40°C to +125°C
90
INPUT CAPACITANCE
ZID
Differential
1013 || 2.8
Ω || pF
ZICM
Common-mode
1013 || 3.5
Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 50 mV < VO <
(V+) – 50 mV, RL = 10 kΩ
106
120
dB
TA = –40°C to +125°C
100
(V–) + 100 mV < VO <
(V+) – 100 mV, RL = 2 kΩ
106
120
TA = –40°C to +125°C
100
www.ti.com
OPA392
SBOS926 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com