Electronic Components Datasheet Search
  English  ▼

X  

OPA392DBVT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA392DBVT
Description  OPAx392 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim??Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA392DBVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA392DBVT Datasheet HTML 11Page - Texas Instruments OPA392DBVT Datasheet HTML 12Page - Texas Instruments OPA392DBVT Datasheet HTML 13Page - Texas Instruments OPA392DBVT Datasheet HTML 14Page - Texas Instruments OPA392DBVT Datasheet HTML 15Page - Texas Instruments OPA392DBVT Datasheet HTML 16Page - Texas Instruments OPA392DBVT Datasheet HTML 17Page - Texas Instruments OPA392DBVT Datasheet HTML 18Page - Texas Instruments OPA392DBVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
9 Power Supply Recommendations
The OPAx392 are specified for operation from 1.7 V to 5.5 V (±0.85 V to ±2.75 V).
CAUTION
Exceeding supply voltages listed in the Absolute Maximum Ratings table can permanently damage
the device.
10 Layout
10.1 Layout Guidelines
Pay attention to good layout practice. Keep traces short, and when possible, use a printed-circuit board (PCB)
ground plane with surface-mount components placed as close to the device pins as possible. Place a 0.1-µF
capacitor closely across the supply pins. These guidelines must be applied throughout the analog circuit to
improve performance and provide benefits such as reducing the electromagnetic interference (EMI)
susceptibility.
For lowest offset voltage and precision performance, circuit layout and mechanical conditions must be optimized.
Avoid temperature gradients that create thermoelectric (Seebeck) effects in the thermocouple junctions formed
from connecting dissimilar conductors. These thermally-generated potentials can be made to cancel by making
sure these potentials are equal on both input terminals. Other layout and design considerations include:
• Use low thermoelectric-coefficient conditions (avoid dissimilar metals).
• Use guard traces to minimize leakage current when ultra-low bias current is required.
• Thermally isolate components from power supplies or other heat sources.
• Shield operational amplifier and input circuitry from air currents, such as cooling fans.
Following these guidelines reduces the likelihood of junctions being at different temperatures, which can cause
thermoelectric voltage drift of 0.1 µV/°C or higher, depending on materials used.
10.2 Layout Example
+
V
IN
V
OUT
R
G
R
F
Figure 10-1. OPA392 Layout Schematic
CBYPASS
Minimize
parasitic
inductance by
placing bypass
capacitor close
to V+.
RF
Route trace under package for output to
feedback resistor connection.
V+
±IN
+IN
V±
OUT
Keep high
impedance
input signal
away from
noisy traces.
VIN
VOUT
VS
RG
Figure 10-2. OPA392 Layout Example
www.ti.com
OPA392
SBOS926 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com