Electronic Components Datasheet Search
  English  ▼

X  

PCMD3140 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140
Description  PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140 Datasheet(HTML) 3 Page - Texas Instruments

  PCMD3140 Datasheet HTML 1Page - Texas Instruments PCMD3140 Datasheet HTML 2Page - Texas Instruments PCMD3140 Datasheet HTML 3Page - Texas Instruments PCMD3140 Datasheet HTML 4Page - Texas Instruments PCMD3140 Datasheet HTML 5Page - Texas Instruments PCMD3140 Datasheet HTML 6Page - Texas Instruments PCMD3140 Datasheet HTML 7Page - Texas Instruments PCMD3140 Datasheet HTML 8Page - Texas Instruments PCMD3140 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 107 page
background image
5 Pin Configuration and Functions
1
NC
14
DREG
2
NC
13
SCL
3
PDMDIN1_GPI1
12
SDA
4
PDMCL K_GPO1
11
GPIO1
No t to scale
Th ermal Pad (VSS)
15
VSS
20
VSS
10
VSS
5
VSS
Figure 5-1. RTE Package, 20-Pin WQFN With Exposed Thermal Pad, Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
NC
No connect
No connection
2
NC
No connect
No connection
3
PDMDIN1_GPI1
Digital input
Digital input 1 (multipurpose functions such as digital microphones data, PLL input clock
source, and so forth).
4
PDMCLK_GPO1
Digital output
General-purpose digital output 1 (multipurpose functions such as digital microphone clock,
interrupt, and so forth).
5
VSS
Ground supply
Device ground internally shorted to thermal pad. Short this package corner pin directly to
the board ground plane. See the package drawing at the end of this document for corner
pin dimensions.
6
SDOUT
Digital output
Audio serial data interface bus output.
7
BCLK
Digital I/O
Audio serial data interface bus bit clock.
8
FSYNC
Digital I/O
Audio serial data interface bus frame synchronization signal.
9
IOVDD
Digital supply
Digital I/O power supply (1.8 V or 3.3 V, nominal).
10
VSS
Ground supply
Device ground internally shorted to thermal pad. Short this package corner pin directly to
the board ground plane. See the package drawing at the end of this document for corner
pin dimensions.
11
GPIO1
Digital I/O
General-purpose digital input/output 1 (multipurpose functions such as digital microphones
clock or data, PLL input clock source, interrupt, and so forth).
12
SDA
Digital I/O
Data pin for I2C control bus.
13
SCL
Digital input
Clock pin for I2C control bus.
14
DREG
Digital supply
Digital regulator output voltage for digital core supply (1.5 V, nominal). Connect a 10-µF
and a 0.1-µF low ESR capacitor in parallel to the device ground (VSS).
15
VSS
Ground supply
Device ground internally shorted to thermal pad. Short this package corner pin directly to
the board ground plane. See the package drawing at the end of this document for corner
pin dimensions.
16
AVDD
Analog supply
Analog power (1.8 V or 3.3 V, nominal).
17
AREG
Analog supply
Analog on-chip regulator output voltage for analog supply (1.8 V, nominal) or external
analog power (1.8 V, nominal). Connect a 10-µF and a 0.1-µF low ESR capacitor in parallel
to the analog ground (AVSS).
18
VREF
Analog
Analog reference voltage filter output. Connect a 1-µF to the analog ground (AVSS).
www.ti.com
PCMD3140
SBASA64 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: PCMD3140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com