Electronic Components Datasheet Search
  English  ▼

X  

ZSC31015 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZSC31015
Description  RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31015 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZSC31015 Datasheet HTML 1Page - Renesas Technology Corp ZSC31015 Datasheet HTML 2Page - Renesas Technology Corp ZSC31015 Datasheet HTML 3Page - Renesas Technology Corp ZSC31015 Datasheet HTML 4Page - Renesas Technology Corp ZSC31015 Datasheet HTML 5Page - Renesas Technology Corp ZSC31015 Datasheet HTML 6Page - Renesas Technology Corp ZSC31015 Datasheet HTML 7Page - Renesas Technology Corp ZSC31015 Datasheet HTML 8Page - Renesas Technology Corp ZSC31015 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
RBicdLite™ Analog Output Sensor Signal
Conditioner with Diagnostic Features
ZSC31015
Datasheet
© 2016 Integrated Device Technology, Inc
2
November 14, 2016
Highly Versatile Applications
in Many Markets Including
Industrial
Building Automation
Office Automation
White Goods
Automotive *
Portable Devices
Your Innovative Designs
* Not AEC-Q100-qualified.
Analog Block
Digital Block
RBicdLite
ZSC31015
0.1
F
VSS
VBP
12-Bit
DAC
OUTBUF1
ZACwire
TM
Interface
Digital
Core
EEPROM
with Charge
Pump
PREAMP
INMUX
Temperature
Reference
VDD
Regulator
Power Save
POR/Oscillator
VBN
Vgate
SIG
TM
Bsink
(Optional)
VDD (2.7 to 5.5 V)
JFET
1
(Optional if supply is 2.7 to 5.5 V)
D
S
VSUPPLY
5.5 V to 30 V
Sensor
Diagnostics
Ext Temp
Power Lost
Diagnostic
A
D
14-Bit ADC
_
+
PTAT
Optional
Ext. Diode
for Temp
0 V to 1 V
Ratiometric
Rail-to-Rail
OWI/ZACwire
TM
2
1
5
6
7
8
3
4
ZSC31015
Bsink
VBP
ExtTemp
VBN
VSS
Sig
TM
VDD
Vgate
0.1
F
Vsupply
Ground
+2.7 to +5.5 V
OUT
Optional Bsink
2
1
5
6
7
8
3
4
ZSC31015
Bsink
VBP
ExtTemp
VBN
VSS
Sig
TM
VDD
Vgate
0.1
F
Vsupply
Ground
+5.5 to +30 V
OUT
Optional Bsink
S
D
BSS169
ZSC31015 Block Diagram
Rail-to-Rail Ratiometric Voltage Output Applications
Absolute Analog Voltage Output Applications
Ordering Examples (See section 11 of the data sheet for additional temperature range options.)
Sales Code
Description
Package
ZSC31015EEB
ZSC31015 Die
— Temperature range: -50°C to +150°C
Unsawn on Wafer
ZSC31015EEC
ZSC31015 Die
— Temperature range: -50°C to +150°C
Sawn on Wafer Frame
ZSC31015EEG1
ZSC31015 SOP8 (150 mil)
— Temperature range: -50°C to +150°C
Tube: add “-T” to sales code. Reel: add “-R”
ZSC31015KIT
ZSC31015
ZACwire™ SSC Evaluation Kit: Communication Board, SSC Board, Sensor
Replacement Board, USB Cable, 5 IC Samples (SOP8 150mil)
(ZACwire™ SSC Evaluation Software can be downloaded from www.IDT.com/ZSC31015)
Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com