Electronic Components Datasheet Search
  English  ▼

X  

ZSC31015 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # ZSC31015
Description  RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31015 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button ZSC31015 Datasheet HTML 19Page - Renesas Technology Corp ZSC31015 Datasheet HTML 20Page - Renesas Technology Corp ZSC31015 Datasheet HTML 21Page - Renesas Technology Corp ZSC31015 Datasheet HTML 22Page - Renesas Technology Corp ZSC31015 Datasheet HTML 23Page - Renesas Technology Corp ZSC31015 Datasheet HTML 24Page - Renesas Technology Corp ZSC31015 Datasheet HTML 25Page - Renesas Technology Corp ZSC31015 Datasheet HTML 26Page - Renesas Technology Corp ZSC31015 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
© 2016 Integrated Device Technology, Inc
23
November 14, 2016
ZSC31015 Datasheet
3
Functional Description
3.1.
General Working Mode
The command/data transfer takes place via the one-
wire SIG™ pin using the ZACwire
TM serial communication
protocol.
After power-on, the ZSC31015 waits for 3ms (= Command window) for the Start_CM command.
Without this command, the Normal Operation Mode (NOM) starts. In this mode, raw bridge values are converted,
and the corrected values are presented on the output in analog or digital format (depending on the configuration
stored in EEPROM).
Command Mode (CM) can only be entered during the 3ms command window after power-on. If the ZSC31015
receives the Start_CM command during the command window, it remains in the Command Mode. The CM allows
changing to one of the other modes via command. After the command Start_RW, the ZSC31015 is in the Raw
Mode (RM). Without correction, the raw values are transmitted to the digital output in a predefined order. The RM
can only be stopped by a power-off. RM is used by the calibration software for collection of raw bridge and
temperature data so the correction coefficients can be calculated.
If diagnostic features are enabled and a diagnostic fault is detected, diagnostic states are indicated as follows
depending on the programmed mode:
In Analog Output Mode,
diagnostic states are indicated by an output below 2.5% of VDD or above 97.5% of VDD.
In Digital Output Mode,
diagnostic states will be indicated by a transmission with a generated parity error.
For more details see section 2.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com