Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS174 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS174
Description  SN74HCS174-Q1 Automotive Hex D-Type Flip-Flops with Clear and Schmitt-Trigger Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS174 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS174 Datasheet HTML 1Page - Texas Instruments SN74HCS174 Datasheet HTML 2Page - Texas Instruments SN74HCS174 Datasheet HTML 3Page - Texas Instruments SN74HCS174 Datasheet HTML 4Page - Texas Instruments SN74HCS174 Datasheet HTML 5Page - Texas Instruments SN74HCS174 Datasheet HTML 6Page - Texas Instruments SN74HCS174 Datasheet HTML 7Page - Texas Instruments SN74HCS174 Datasheet HTML 8Page - Texas Instruments SN74HCS174 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
5 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
GND
6D
5Q
4D
VCC
15
16
1Q
1D
2D
2Q
6Q
CLK
4Q
5D
CLR
3D
3Q
D or PW Package 16-Pin SOIC or TSSOP Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
SOIC or
TSSOP NO.
NAME
1
CLR
I
Clear all channels, active low
2
1Q
O
Channel 1, Q output
3
1D
I
Channel 1, D input
4
2D
I
Channel 2, D input
5
2Q
O
Channel 2, Q output
6
3D
I
Channel 3, D input
7
3Q
O
Channel 3, Q output
8
GND
—
Ground
9
CLK
I
Clock all channels, rising edge triggered
10
4Q
O
Channel 4, Q output
11
4D
I
Channel 4, D input
12
5Q
O
Channel 5, Q output
13
5D
I
Channel 5, D input
14
6D
I
Channel 6, D input
15
6Q
O
Channel 6, Q output
16
VCC
—
Positive supply
www.ti.com
SN74HCS174-Q1
SCLS818 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS174-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com