Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS174 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS174
Description  SN74HCS174-Q1 Automotive Hex D-Type Flip-Flops with Clear and Schmitt-Trigger Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS174 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS174 Datasheet HTML 1Page - Texas Instruments SN74HCS174 Datasheet HTML 2Page - Texas Instruments SN74HCS174 Datasheet HTML 3Page - Texas Instruments SN74HCS174 Datasheet HTML 4Page - Texas Instruments SN74HCS174 Datasheet HTML 5Page - Texas Instruments SN74HCS174 Datasheet HTML 6Page - Texas Instruments SN74HCS174 Datasheet HTML 7Page - Texas Instruments SN74HCS174 Datasheet HTML 8Page - Texas Instruments SN74HCS174 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SN74HCS174-Q1 Automotive Hex D-Type Flip-Flops with Clear and Schmitt-Trigger
Inputs
1 Features
• AEC-Q100 Qualified for automotive applications:
– Device temperature grade 1: –40°C to +125°C,
TA
– Device HBM ESD Classification Level 2
– Device CDM ESD Classifcation Level C6
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
2 Applications
• Parallel data synchronization
• Parallel data storage
• Shift register
• Pattern generators
3 Description
The SN74HCS174-Q1 contains six positive-edge-
triggered D-type flip-flops with shared clock (CLK) and
clear (CLR) inputs.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74HCS174PW-Q1 TSSOP (16)
5.00 mm x 4.40 mm
SN74HCS174D-Q1
SOIC (16)
9.90 mm x 3.90 mm
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger inputs
www.ti.com
SN74HCS174-Q1
SCLS818 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN74HCS174-Q1
SN74HCS174-Q1
SCLS818 – AUGUST 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74HCS174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS174 TI-SN74HCS174 Datasheet
1Mb / 24P
SN74HCS174 Hex D-Type Flip-Flops with Clear and Schmitt-Trigger Inputs
SN74HCS174 TI2-SN74HCS174 Datasheet
935Kb / 25P
SN74HCS174 Hex D-Type Flip-Flops with Clear and Schmitt-Trigger Inputs
SEPTEMBER 2020
SN74HCS174 TI2-SN74HCS174 Datasheet
931Kb / 25P
SN74HCS174-Q1 Automotive Hex D-Type Flip-Flops with Clear and Schmitt-Trigger Inputs
AUGUST 2020
SN74HCS174-Q1 TI-SN74HCS174-Q1 Datasheet
1Mb / 23P
SN74HCS174-Q1 Automotive Hex D-Type Flip-Flops with Clear and Schmitt-Trigger Inputs
SN74HCS174-Q1 TI-SN74HCS174-Q1 Datasheet
1Mb / 24P
SN74HCS174 Hex D-Type Flip-Flops with Clear and Schmitt-Trigger Inputs
More results

Similar Description - SN74HCS174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS04-Q1 TI1-SN74HCS04-Q1_V01 Datasheet
968Kb / 22P
SN74HCS04-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS174-Q1 TI-SN74HCS174-Q1 Datasheet
1Mb / 23P
SN74HCS174-Q1 Automotive Hex D-Type Flip-Flops with Clear and Schmitt-Trigger Inputs
SN74HCS174 TI-SN74HCS174 Datasheet
1Mb / 24P
SN74HCS174 Hex D-Type Flip-Flops with Clear and Schmitt-Trigger Inputs
SN74HCS74-Q1 TI-SN74HCS74-Q1_V02 Datasheet
1Mb / 25P
SN74HCS74-Q1 Automotive Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS04-Q1 TI-SN74HCS04-Q1_V02 Datasheet
1Mb / 28P
SN74HCS04-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
SN74HCS273-Q1 TI-SN74HCS273-Q1 Datasheet
797Kb / 20P
SN74HCS273-Q1 Automotive Octal D-Type Flip-Flop with Schmitt-Trigger Inputs and Asynchronous Clear
SN74HCS273-Q1 TI-SN74HCS273-Q1_V01 Datasheet
1Mb / 22P
SN74HCS273-Q1 Automotive Octal D-Type Flip-Flop with Schmitt-Trigger Inputs and Asynchronous Clear
SN74HCS74-Q1 TI-SN74HCS74-Q1_V03 Datasheet
2Mb / 32P
SN74HCS74-Q1 Automotive Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
DECEMBER 2021
SN74HCS14-Q1 TI-SN74HCS14-Q1_V03 Datasheet
2Mb / 32P
SN74HCS14-Q1 Automotive Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS273-Q1 TI-SN74HCS273-Q1_V02 Datasheet
2Mb / 29P
SN74HCS273-Q1 Automotive Octal D-Type Flip-Flop with Schmitt-Trigger Inputs and Asynchronous Clear
FEBRUARY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com