Electronic Components Datasheet Search
  English  ▼

X  

TPS2340APFPR Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS2340APFPR
Description  DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2340APFPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2340APFPR Datasheet HTML 5Page - Texas Instruments TPS2340APFPR Datasheet HTML 6Page - Texas Instruments TPS2340APFPR Datasheet HTML 7Page - Texas Instruments TPS2340APFPR Datasheet HTML 8Page - Texas Instruments TPS2340APFPR Datasheet HTML 9Page - Texas Instruments TPS2340APFPR Datasheet HTML 10Page - Texas Instruments TPS2340APFPR Datasheet HTML 11Page - Texas Instruments TPS2340APFPR Datasheet HTML 12Page - Texas Instruments TPS2340APFPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TPS2340A
SLUS528A – MARCH 2002 – REVISED AUGUST 2002
9
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
RESETA
35
O
PCI RESET signal to slot A. Conforms to PCI 2.2 local bus specification for 3.3-V signaling. This pin is
typically tied to the PCI connector.
RESETB
26
O
PCI RESET signal to slot B. Conforms to PCI 2.2 local bus specification for 3.3-V signaling. This pin is
typically tied to the PCI connector.
SIC
44
I
Serial input clock. Shift serial data into device one bit position on rising edge.
SIDI
20
I
Serial input data Input. The serial shift register input from a down-stream TPS2340.
SIDO
41
I/O
Serial input data output. The serial shift register output to the PCI hot-plug controller or the up-stream
TPS2340. When PGOOD is low, SIDO is undriven and pulled up to DIGVCC with a 100-k
Ω resistor.
During the rising edge of PGOOD, the TPS2340A latches SIDO as MODE0.
SIL
16
I
Serial input load. Pulse low to synchronously parallel load external serial input shift registers on the
next rising edge of SIC.
SOC
17
I
Serial output clock. Shift serial output data into parallel output registers one bit position on rising edge.
SODI
42
I
Serial output data input. Serial output data shifted into parallel output registers.
SODO
19
I/O
Serial output data output. Serial output data shifted to the down-stream TPS2340. When PGOOD is
low, SODO is undriven and pulled up to DIGVCC with a 100-k
Ω resistor. During the rising edge of
PGOOD, the TPS2340A latches SODO as MODE1.
SOLC
39
I
Serial output latch clock. Latch parallel register data on rising edge.
SORLC
22
I
Serial output reset latch clock. Latch parallel register data on rising edge (PCI RESET latches only).
SOR
40
I
Serial output reset. Clears parallel register data.
SORR
21
I
Serial output reset reset. Clears parallel register data (PCI RESET latches only).
SWA
46
I
Slot A switch input. Low indicates the slot is populated. This input has hysteresis and a 100-k
Ω pull-up
to 3VAUXI, requiring only a capacitor to ground for debouncing mechanical noise. For testing pur-
poses, pulling SWA to 5 V enables the slot main power and disables the slot auxilliary power, bypass-
ing the serial interface.
SWB
14
I
Slot B switch input. Low indicates the slot is populated. This input has hysteresis and a 100-k
Ω pull-up
to 3VAUXI, requiring only a capacitor to ground for debouncing mechanical noise. For testing pur-
poses, pulling SWB to 5 V enables the slot main power and disables the slot auxilliary power, bypass-
ing the serial interface.
TEST
23
I
When asserted on the rising edge of PGOOD, device enters test modes based on the states of the
MODE pins. See In–Circuit Test section of the datasheet. When asserted after PGOOD is asserted,
maps the Pwrenx and ANDed Faultx internal signals to PWRLED and ATTLED pins for test purposes.
TEST has a 100-k
Ω pull-down resistor to ground.
V5IN
49
I
5-V input to the device. A 0.1-
µF bypass capacitor from V5IN to PWRGND is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com