Electronic Components Datasheet Search
  English  ▼

X  

TPS2340APFPR Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS2340APFPR
Description  DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2340APFPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS2340APFPR Datasheet HTML 15Page - Texas Instruments TPS2340APFPR Datasheet HTML 16Page - Texas Instruments TPS2340APFPR Datasheet HTML 17Page - Texas Instruments TPS2340APFPR Datasheet HTML 18Page - Texas Instruments TPS2340APFPR Datasheet HTML 19Page - Texas Instruments TPS2340APFPR Datasheet HTML 20Page - Texas Instruments TPS2340APFPR Datasheet HTML 21Page - Texas Instruments TPS2340APFPR Datasheet HTML 22Page - Texas Instruments TPS2340APFPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
TPS2340A
SLUS528A – MARCH 2002 – REVISED AUGUST 2002
19
www.ti.com
APPLICATION INFORMATION
Similar to input data, serial output data has been ordered to facilitate cascading TPS2340A devices. Assuming
a six-slot implementation, as input data arrives in the order of slot A first, followed by data for slots B through
F, output data is delivered in reverse order, slot F data first, then data for slots E through A. For a PCI hot-plug
controller that supports 6 slots, 48 bits (8 per slot) are shifted out by the controller any time a slot control state
needs to be changed. At the conclusion of a shift-out process, output data for slots A and B is contained in the
device (electrically) closest to the PCI hot-plug controller. Output data for each slot is delivered in the bit order
described in Table 10.
Table 10. Operational Mode Output Data Bit Order
BIT
NUMBER
FUNCTION
0
Slot F Pwren state (1 = turn on power)
1
Slot F CLKEN state (1 = enable the clock)
2
Slot F BUSEN state (1 = enable the bus)
3
Slot F PCIRST state (0 = assert PCIRST)
4
Slot F PWRLED state (1 = turn on power LED)
5
Slot F ATTLED state (1 = turn on attention LED)
6
Reserved
7
Reserved
8
Slot E Pwren state
9
Slot E CLKEN state
10
Slot E BUSEN state
11
Slot E PCIRST state
12
Slot E PWRLED state
13
Slot E ATTLED state
14
Reserved
15
Reserved
16
…47
SODO pin data for slots D, C, B and A follows
The output data for the six slots is shifted out using the SOC clock. After the appropriate data pattern is
established in the shift registers, this data is parallel clocked into registers via latch clocks. These registers drive
the output pins and controls. The SOLC pin serves as the latch clock for the Pwrenx, BUSENx, CLKENx,
PWRLEDx, and ATTLEDx outputs.
The SORLC pin serves as the latch clock for the RESETx pins. Two latch clocks are used so that the PCI bus
timing requirements between REQ64, TRDY, DEVSEL, and STOP and the slot’s RST signal can be more easily
controlled by the hot-plug controller.
If a fault occurs, as indicated by the assertion of the Faultx signal (where Faultx = Pwrfltx and Auxfltx), the
RESETx pin asynchronously asserts and the CLKENx and BUSENx pins are asynchronously deasserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com