Electronic Components Datasheet Search
  English  ▼

X  

Z28 Datasheet(PDF) 3 Page - International Rectifier

Part # Z28
Description  LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

Z28 Datasheet(HTML) 3 Page - International Rectifier

  Z28 Datasheet HTML 1Page - International Rectifier Z28 Datasheet HTML 2Page - International Rectifier Z28 Datasheet HTML 3Page - International Rectifier Z28 Datasheet HTML 4Page - International Rectifier Z28 Datasheet HTML 5Page - International Rectifier Z28 Datasheet HTML 6Page - International Rectifier Z28 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.irf.com
3
Z-SERIES
For Notes to Specifications, refer to page 4
* Exceeding maximum rating limits may cause damage to the device
Electrical Characteristics -40°C
≤ TBASE ≤ +85°C, VIN=28 VDC ±5%, C
L=0, unless otherwise specified.
Absolute Maximum Ratings*
Recommended Operating Conditions
Input Voltage
-0.5V to +50VDC
Input Voltage Range
+18V to +40V
Soldering
300°C, 10 Sec
Output Power
0 to Max rated
Temperature Range
Operating – -40°C to +85°C Base Plate
Storage – -55°C to +105°C Ambient
Base Plate
Temperature
-40°C to +85°C
Parameter
Group A
Subgroups
Test
Conditions
Min
Nom
Max
Unit
Input Voltage
18
28
40
V
Output Voltage
Z2801R5S
Z2802R5S
Z2803R3S
Z2801R5S
Z2802R5S
Z2803R3S
1
1
1
2, 3
2, 3
2, 3
Iout = 0
1.485
2.475
3.267
1.470
2.450
3.234
1.500
2.500
3.300
1.515
2.525
3.333
1.530
2.550
3.366
V
V
V
V
V
V
Output Current 1
Z2801R5S
Z2802R5S
Z2803R3S
1, 2, 3
1, 2, 3
1, 2, 3
Vin = 18, 28, 40 Volts
20
20
15
A
A
A
Output Power 1
Z2801R5S
Z2802R5S
Z2803R3S
100% load
30
50
50
W
W
W
Output Ripple Voltage 2
Z2801R5S
Z2802R5S
Z2803R3S
1, 2, 3
1, 2, 3
1, 2, 3
Vin = 18, 28, 40 Volts
BW = 20 Hz to 2 MHz
20
30
40
mVPP
mVPP
mVPP
Output Voltage
Regulation 3
Line
Load
1, 2, 3
1, 2, 3
Vin = 18, 28, 40 Volts
Iout = 10%, 50%, 100% load
±0.5
±0.5
%
%
Output Voltage
Temperature Coefficient
±0.02
%/°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com