Electronic Components Datasheet Search
  English  ▼

X  

Z28 Datasheet(PDF) 1 Page - International Rectifier

Part # Z28
Description  LOW VOLTAGE HIGH EFFICIENCY RADIATION HARDENED DC/DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

Z28 Datasheet(HTML) 1 Page - International Rectifier

  Z28 Datasheet HTML 1Page - International Rectifier Z28 Datasheet HTML 2Page - International Rectifier Z28 Datasheet HTML 3Page - International Rectifier Z28 Datasheet HTML 4Page - International Rectifier Z28 Datasheet HTML 5Page - International Rectifier Z28 Datasheet HTML 6Page - International Rectifier Z28 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
08/14/03
www.irf.com
1
LOW VOLTAGE
HIGH EFFICIENCY
RADIATION HARDENED
DC/DC CONVERTER
Z-ZERIES
Description
n Output Voltages from 1.5 to 3.3 Volts
n 20 Amps Output Current
n Synchronous Rectification
n Efficiency up to 88%
n Nominal 28 Volt Input
n Total Ionizing Dose > 100KRad (Si)
n No SEE to LET > 80 MeV•cm
2
/mg
n -40°C to +85°C Operating Range
n Short Circuit Protection
n Remote Sensing
n Adjustable Output Voltage
n Flexible Mounting Configuration
n High Power Density
n Derating To MIL-STD-975, MIL-STD-1547,
GSFC-PPL-21
n Fully Isolated - Input to Output and to Case
n Complimentary EMI Filter Available
n Base Plate Conduction Cooling
Features
28V Input, Single Output
The Z-Series of DC/DC converter modules has been
specifically designed in response to the need for low
voltage at moderate current levels supplied with the
high efficiency and tight regulation dictated by modern
digital processing applications. These converters are
designed specifically for operation in radiation environ-
ments that are presented to commercial communica-
tion satellites operating in long term GEO and LEO or-
bits. They have been created to complement the spec-
trum of electrical and radiation performance available
in the Advanced Analog ART2815T and M3G-Series
converters. Requirements occurring in space vehicles
operating in Geostationary orbits, launch boosters, sci-
entific space probes and similar applications requiring
a low voltage, high efficiency converter with well char-
acterized radiation hardness performance will be opti-
mally satisfied by the Z-Series converters.
An additional benefit of the Z-Series is high power den-
sity. This is facilitated by utilizing the best features of
chip and wire hybrid technology and surface mount fab-
rication techniques. The hybrid portion is fabricated in
a facility fully qualified to MIL-PRF-38534 and pro-
cessed to class K requirements. The standard process-
ing adopted for the Z-Series module has been created
to assure with margin the reliability required for space
applications. Applicable generic lot qualification test
data including radiation performance will be made avail-
able on request. Variations to the standard screening
may be accommodated. Consult IR Santa Clara for
special requirements.
PD- 94693A


Similar Part No. - Z28

ManufacturerPart #DatasheetDescription
logo
Formosa MS
Z280 FORMOSA-Z280 Datasheet
54Kb / 2P
1WATT ZENER DIODE
logo
New Jersey Semi-Conduct...
Z280 NJSEMI-Z280 Datasheet
94Kb / 1P
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY FLAMMAHILITY CLASSIFICATION 94V-0
logo
International Rectifier
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
28V Input, Single Output
Z2801R5S/EM IRF-Z2801R5S/EM Datasheet
78Kb / 7P
28V Input, Single Output
Z2802R5S IRF-Z2802R5S Datasheet
78Kb / 7P
28V Input, Single Output
More results

Similar Description - Z28

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ART2800T IRF-ART2800T Datasheet
231Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GH2803R3SCKX IRF-GH2803R3SCKX Datasheet
197Kb / 9P
HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S Datasheet
182Kb / 13P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G2803R305R4T IRF-M3G2803R305R4T Datasheet
146Kb / 9P
HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ML1000605D IRF-ML1000605D Datasheet
875Kb / 17P
HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
logo
Infineon Technologies A...
M3H280515T INFINEON-M3H280515T Datasheet
289Kb / 9P
HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
2016-04-19
logo
International Rectifier
GH2801S IRF-GH2801S Datasheet
397Kb / 10P
HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com