Electronic Components Datasheet Search
  English  ▼

X  

EC-3501 Datasheet(PDF) 4 Page - 3M Electronics

Part # EC-3501
Description  3M™ Scotch-Weld™ Epoxy Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC-3501 Datasheet(HTML) 4 Page - 3M Electronics

  EC-3501 Datasheet HTML 1Page - 3M Electronics EC-3501 Datasheet HTML 2Page - 3M Electronics EC-3501 Datasheet HTML 3Page - 3M Electronics EC-3501 Datasheet HTML 4Page - 3M Electronics EC-3501 Datasheet HTML 5Page - 3M Electronics EC-3501 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Storage and Handling
Standard Shelf Life for 3M™ Scotch-Weld™ Epoxy Adhesive EC - 3501 B/A is 12 months from the date of shipment from 3M when
stored at 60 to 80°F (15 to 27°C) in its original unopened container.
During the storage, crystallization of the epoxy resin may occur, giving the epoxy resin (Part B) a grainy appearance. This condition is
reversible by heating the adhesive typically in the range of 120 to 140 °F (49 to 60 °C) for about 15 to 30 minutes and return epoxy resin
to a smooth appearance. No change in physical or mechanical properties will result from this reheating process.
Precautionary Information
Refer to Product Label and Safety Data Sheet for health and safety information before using this product. For additional health and
safety information, call 1-800-364-3577 or (651) 737-6501, and visit www.3m.com/3M/en_US/company-us/SDS-search/
For Additional information
In the U.S., call toll free 1-800-235-2376, or fax 1-800-435-3082 or 651-737-2171. For U.S. Military, call 1-866-556-5714. If you are
outside of the U.S., please contact your nearest 3M office or one of the following branches:
Authorization to Use
Ensure products meet all applicable specifications, standards, and maintenance manual requirements for the platform being worked on
and validate all aircraft approvals against current technical documentation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com