Electronic Components Datasheet Search
  English  ▼

X  

EC-3501 Datasheet(PDF) 3 Page - 3M Electronics

Part # EC-3501
Description  3M™ Scotch-Weld™ Epoxy Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EC-3501 Datasheet(HTML) 3 Page - 3M Electronics

  EC-3501 Datasheet HTML 1Page - 3M Electronics EC-3501 Datasheet HTML 2Page - 3M Electronics EC-3501 Datasheet HTML 3Page - 3M Electronics EC-3501 Datasheet HTML 4Page - 3M Electronics EC-3501 Datasheet HTML 5Page - 3M Electronics EC-3501 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2. The best performance will be achieved with the surface preparation by alkaline degreasing, then FPL etching according to
ASTM D2674, and followed by phosphoric acid anodizing according to ASTM D3933.
3. If primer is to be used, it should be applied within 4 hours after etching or within 24 hours after phosphoric acid anodizing.
Plastics
1. Wipe free of dust with oil-free solvent such as Methyl Ethyl Ketone (MEK).*
2. Sandblast or abrade using clean fine grit abrasives.
3. Wipe again with solvent to remove loose particles.
*Note: When using solvents, extinguish all ignition sources and follow manufacturer’s precautions and directions for use.
Typical Performance Characteristics
Note: The following technical information and data shouldbe considered representative or typical only and should not be used for
specification purposes.
A. Aluminum Overlap Shear
Overlap shear strength was measured on FPL etched 1" wide by 1/2" overlap specimens. The bonds were made from 2 panels of
4" x 7" x 0.063", 2024 T-3 clad aluminum bonded together and cut into 1" wide specimens. The separation rate of the testing jaws
was 0.1"/minute. Tests similar to ASTM D1002.
Test Temp
Overlap Shear (PSI)
-67°F (-55°C)
1500
75°F (24°C)
3200
180°F (82°C)
500
B. Aluminum T-Peel
T-Peel bonds were measured on 1" wide specimens cut from two FPL etched 8" x 8" x 0.032", 2024 T-3 clad aluminum panels
bonded together. The separation rate of the testing jaws was 20"/minute. Test method similar to ASTM D1876.
Test Temp
T-Peel (PIW)
75°F (24°C)
4
Environmental Resistance
Note: The following technical information and data shouldbe considered representative or typical only and should not be used for
specification purposes.
The following data was developed in overlap shear on 2024 T-3 clad FPL etched aluminum after aging in the following environments for
the specified times. Test method similar to ASTM D1002.
Environment
Time
Test Results
75°F (24°C)
100% Relative Humidity @ 120°F (49°C)
14 days
2030 psi
Salt Spray @ 95°F (35°C)
14 days
1895 psi
Tap Water @ 75°F (24°C)
14 days
1810 psi



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com