Electronic Components Datasheet Search
  English  ▼

X  

OMR183SCM Datasheet(PDF) 3 Page - International Rectifier

Part # OMR183SCM
Description  30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OMR183SCM Datasheet(HTML) 3 Page - International Rectifier

  OMR183SCM Datasheet HTML 1Page - International Rectifier OMR183SCM Datasheet HTML 2Page - International Rectifier OMR183SCM Datasheet HTML 3Page - International Rectifier OMR183SCM Datasheet HTML 4Page - International Rectifier OMR183SCM Datasheet HTML 5Page - International Rectifier OMR183SCM Datasheet HTML 6Page - International Rectifier OMR183SCM Datasheet HTML 7Page - International Rectifier OMR183SCM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
•
Radiation Testing is performed on a single wafer by wafer basis.
•
Each wafer is identified and a random sample of 5 die per wafer is selected.
•
The die are then individually assembled in a hermetic package, data logged, electrically
tested, hi-rel screened and then submitted to radiation testing.
•
The packaged die are submitted to Steady State Total Dose radiation per Method 1019,
Condition A, at a dose rate of 50 RAD/sec biased at maximum supply voltage.
•
Final electrical test is performed within two hours of both Total Dose Radiation level from
a Cobalt 60 source and 168 hr, 100°C annealing process. Read and record data
including two non-radiated control samples.
•
The wafer is then qualified only if samples from wafers meet full electrical specifications
after 150% of total dose rating as specified in each product data sheet.
•
Omnirel’s controlling specifications are as follows: For Voltage Regulators the
controlling specification is MIL-PRF- 38534/MIL-STD-883. For Rectifiers/Schottky the
controlling specification is MIL-PRF-19500/MIL-STD-750.
OMR183- OMR186 Series
OMNIREL’S RADIATION TEST PROCEDURE
Standard Class Level Screening
Per MIL-PRF-38535
Screen
*Level B
*Level S
Test Method
Required
Test Method
Required
Wafer Lot Acceptance
-----
-----
5007
100%
Non-destructive Bond Pull
-----
-----
-----
-----
Pre-Cap Visual Inspection
2010
100%
2010
100%
Temperature Cycle
1010
100%
1010
100%
Constant Acceleration
2001
100%
2001
100%
Visual Inspection
-----
100%
-----
100%
PIND Test
-----
-----
2020
100%
Serialization
-----
-----
-----
100%
Pre-Burn-In Electrical
Data Sheet
100%
Data Sheet
100%
Burn-In
1015/160 hrs.
100%
1015/240hrs.
100%
Interim Electrical
-----
-----
Data Sheet
100%
PDA Calculations
5% Functional
Lot
5% Functional
Lot
Final Electrical
Data Sheet
100%
Data Sheet
100%
Fine & Gross Seal
1014
100%
1014
100%
Radiographic
-----
-----
2012/Two Views
100%
Conformance Inspection**
GR A
100%
GR A
100%
Final Visual Inspection
2009
Sample
2009
Sample
*Note: For “B” Level Screening add “M” to part number, for “S” Level Screening add “S” to part
number. See Part Number Designator.
**Note: Additional conformance inspection testing i.e. Group B, C, & D optional.
AVAILABLE PRODUCT SCREENING



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com