Electronic Components Datasheet Search
  English  ▼

X  

OMR183SCM Datasheet(PDF) 5 Page - International Rectifier

Part # OMR183SCM
Description  30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OMR183SCM Datasheet(HTML) 5 Page - International Rectifier

  OMR183SCM Datasheet HTML 1Page - International Rectifier OMR183SCM Datasheet HTML 2Page - International Rectifier OMR183SCM Datasheet HTML 3Page - International Rectifier OMR183SCM Datasheet HTML 4Page - International Rectifier OMR183SCM Datasheet HTML 5Page - International Rectifier OMR183SCM Datasheet HTML 6Page - International Rectifier OMR183SCM Datasheet HTML 7Page - International Rectifier OMR183SCM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
OMR183- OMR186 Series
Stability
The OMR183-186 Series requires the use of
an output capacitor as part of the device
frequency compensation.
For all operating
conditions, the addition of 150µF aluminum
electrolytic or a 22µF solid tantalum on the
output
will
ensure
stability.
Normally,
capacitors much smaller than this can be used.
Many different types of capacitors with widely
varying characteristics are available.
These
capacitors
differ
in
capacitor
tolerance
(sometimes ranging up to ±100%), equivalent
series
resistance,
and
capacitance
temperature coefficient.
The 150µF or 22µF values given will ensure
stability.
When the adjustment terminal is bypassed to
improve the ripple rejection, the requirement
for an output capacitor increases. The values
of 22µF tantalum or 150µF aluminum cover all
cases of bypassing the adjustment terminal.
Without bypassing the adjustment terminal,
smaller capacitors can be used with equally
good results and the table below shows
approximately what size capacitors are needed
to ensure stability.
Recommended Capacitor Values
Normally, capacitor values on the order of
100µF are used in the output of many
regulators to ensure good transient response
with heavy load current changes.
Output
capacitance can be increased without limit and
larger values of output capacitor further
improve stability and transient response of the
OM183SC regulators.
Output Voltage — Adjustable Regulators
The OMR183-OM186 devices develop a
1.25V reference voltage between the output
and the adjust terminal (see below).
By
placing a resistor, R1, between these two
terminals, a constant current is caused to flow
through R1 and down through R2 to set the
overall output voltage. Normally this current is
the specified minimum load current of 10mA.
Because IADJ is very small and constant when
compared with the current through R1, it
represents a small error and can usually be
ignored.
Basic Adjustable Regulator
APPLICATION NOTES
Input
Output
Adjustment
10µF
10µF Tantalum, 50µF Aluminum
None
10µF
22µF Tantalum, 150µF Aluminum
20µF
RADIATION TEST PROGRAM
The following chart is a summary of the test data collected on Radiation Tolerant OMR183-186
series at various doses. The chart depicts the Total Radiation Dose that each device was
exposed to on a step stress irradiation basis prior to failure. Failure is defined as any electrical
test that does not meet the limits of the device per the published data sheet specifications after
radiation testing.
Omnirel P/N
5K
10K
20K 30K
50K
60K
70K
80K
100K
150K
200K RAD
OMR183
Test Points
XX
X
OMR184
Test Points
XX
X
OMR185
Test Points
XXX
X
X
X
X
OMR186
Test Points
XXX
X
X
X



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com