Electronic Components Datasheet Search
  English  ▼

X  

FC-40 Datasheet(PDF) 2 Page - 3M Electronics

Part # FC-40
Description  3M™ Fluorinert™ Electronic Liquid FC-40
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

FC-40 Datasheet(HTML) 2 Page - 3M Electronics

  FC-40 Datasheet HTML 1Page - 3M Electronics FC-40 Datasheet HTML 2Page - 3M Electronics FC-40 Datasheet HTML 3Page - 3M Electronics FC-40 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Fluorinert™ Electronic Liquid FC-40
Typical electrical properties
Note: The following technical information and data should be considered representative or typical only and should not be used for
specification purposes. Final product specifications and testing methods will be outlined in the products Certificate of Analysis
(COA) that is shipped with the commercialized product. All values @ 25°C unless otherwise specified.
Properties
3M™ Fluorinert™ Electronic Liquid FC-40
Dielectric Strength (0.1" gap)
46 (kV)
Dielectric Constant (@ 1 kHz)
1.9
Electrical Resistivity (ASTM
D-257)
4.0 x 1015 (ohm cm)
Heat transfer properties
The following formulas can be used to calculate the specific heat, thermal conductivity, density and vapor
pressure of 3M™ Fluorinert™ Electronic Liquid FC-40 at various temperatures.
Specific Heat (J kg-1 °C-1) = 1014 + 1.554 (T, °C)
Thermal Conductivity (W m-1 °C-1) = 0.067 – 0.000069 (T, °C)
Density (kg/m3) = 1909 – 2.16 (T, °C)
Log10 (Vapor Pressure (pa)) = 10.448 – (2381/(T, K))
The following graph can be used to determine the viscosity of Fluorinert liquid FC-40 over the indicated
temperature range.
Materials compatibility
Fluorinert liquid FC-40 is compatible with most metals, plastics and elastomers. Contact 3M for more information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com