Electronic Components Datasheet Search
  English  ▼

X  

FC-40 Datasheet(PDF) 3 Page - 3M Electronics

Part # FC-40
Description  3M™ Fluorinert™ Electronic Liquid FC-40
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

FC-40 Datasheet(HTML) 3 Page - 3M Electronics

  FC-40 Datasheet HTML 1Page - 3M Electronics FC-40 Datasheet HTML 2Page - 3M Electronics FC-40 Datasheet HTML 3Page - 3M Electronics FC-40 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M™ Fluorinert™ Electronic Liquid FC-40
Storage and shelf life
The shelf life of 3M™ Fluorinert™ Electronic Liquid FC-40 is 60 months from the date of manufacture when stored in
the original packaging materials and stored at 21°C (70°F) and 50% relative humidity.
Toxicity profile
Not for specification purposes.
3M Fluorinert liquid FC-40 is virtually non-irritating to the eyes and skin. The product also demonstrates very low
toxicity and was not mutagenic in the Ames assay. A Safety Data Sheet (SDS) is available from www.3m.com/SDS.
Safety and handling
Before using this product, please thoroughly read the current product SDS and label, following all applicable safety
precautions described therein (e.g., recommended storage and safe handling, appropriate exposure controls and
personal protective equipment (PPE), addressing accidental spills, disposal considerations, etc.). 3M™ Fluorinert™
Electronic Liquid FC-40 is nonflammable and is resistant to thermal breakdown and hydrolysis during typical use and
storage.
Environmental properties
3M™ Fluorinert™ Electronic Liquid FC-40 has zero ozone depletion potential. Additionally, this product has negligible
photochemical reactivity and therefore it does not appreciably contribute to ground-level smog formation. As such, it is
not defined or regulated by the U.S. EPA as a volatile organic compound (VOC).
As a perfluorocarbon (PFC), this product has a high global warming potential and a long atmospheric lifetime. As such,
its use should be carefully managed to minimize emissions.
3M recommends that users of Fluorinert liquid FC-40 further limit emissions by employing good conservation
practices, and by implementing recovery, recycling and/or proper disposal procedures. In general, 3M recommends
that Fluorinert-branded liquids be disposed of by incineration at a permitted industrial waste facility capable of handling
halogenated materials, in accordance with all applicable local, regional, national, and/or international regulations. See
product SDS for further details. 3M also offers a Used Fluid Disposal Program.
Recycle and disposal options
Used Fluid Disposal Program
As part of 3M’s commitment to product stewardship and customer service, we offer the 3M Used Fluid Disposal
Program for free pickup of used 3M fluids in the U.S. This program is provided through Clean Harbors Environmental
Services. Working with Clean Harbors will ensure that your used 3M fluids will be managed properly and responsibly.
A minimum of 30 gallons of used 3M fluid is required for participation in this free program. Amounts of less than
30 gallons will be at your own expense and will be determined based upon quantity and approved profile of waste.
For additional information on the 3M Used Fluid Disposal Program, send an email to 3Musedfluid@cleanharbors.com.
Resources
For more information on 3M Fluorinert products or to contact a 3M representative, visit 3M.com/electronics.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com