Electronic Components Datasheet Search
  English  ▼

X  

CXS Datasheet(PDF) 1 Page - 3M Electronics

Part # CXS
Description  3M Cold Shrink Sealing Kit CXS Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

CXS Datasheet(HTML) 1 Page - 3M Electronics

  CXS Datasheet HTML 1Page - 3M Electronics CXS Datasheet HTML 2Page - 3M Electronics CXS Datasheet HTML 3Page - 3M Electronics CXS Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M™ Cold Shrink Sealing Kit CXS Series
EPDM Rubber Splices for Coaxial Cable Connections
3M™ Cold Shrink Sealing Kits CXS Series offer a safe, easy way to reliably seal connections on coaxial cables. 3M™ Cold
Shrink is ideal for wireless communications towers and other exposed coaxial interfaces.
Each 3M kit includes a cold shrink EPDM rubber sleeve
which is factory-expanded and placed on a removable
plastic core. Simply prepare the connection, position the
tube and unwind the pre-scored core. The natural tendency
of the rubber sleeve to return to its original diameter
provides constant radial pressure, forming a reliable, water-
resistant seal. All without heat, special tools or a time-
consuming installation procedure. And, it’s easily removed when system maintenance is required.
Unique Benefits
3M™ Cold Shrink Sealing Kits CXS Series offer real advantages over other cable sealing methods:
• Reliable seal against water.
• Tough, resilient rubber holds pressure seal, even after exposure.
• Broad application range; can lower inventory costs.
• Eliminates need for heat source or special tools.
• Reduces installation time for sealing jobs.
• Easily removed for inspections or disconnects.
• Resistant to fungus, ozone, alkalies and acids.
• Constant radial pressure helps connectors stay together in wind and vibration.
Applications
3M™ Cold Shrink Sealing Kits CXS Series can be used for sealing of coax cables with Type N or 7/16 DIN connectors.
• Installation features make it the preferred coax connection seal:
• Simple installation requires only installer’s hands.
• Good thermal stability.
• Excellent weathering properties.
• Excellent abrasion resistance.
Tested Reliable
Since it was first developed by 3M over 30 years ago, 3M Cold Shrink technology has proven reliable in extreme conditions.
3M Cold Shrink has been successfully tested to the water seal requirements of ANSI Standard C119.1 and NEMA
Publication No. CC-P1 (12.0” and 36.0” water depths). The 3M Cold Shrink Sealing Kit is RoHS compliant.*


Similar Part No. - CXS

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CXS-2300 RSG-CXS-2300 Datasheet
395Kb / 2P
CMOS-SMD-Oszillatoren
CXS-2400 RSG-CXS-2400 Datasheet
395Kb / 2P
CMOS-SMD-Oszillatoren
CXS-5300 RSG-CXS-5300 Datasheet
395Kb / 2P
CMOS-SMD-Oszillatoren
logo
PANDUIT CORP.
CXS125-14-Q PANDUIT-CXS125-14-Q Datasheet
2Mb / 1P
CXS SERIES COPPER MECHANICAL LUGS
02 2/14
CXS35-36-C PANDUIT-CXS35-36-C Datasheet
2Mb / 1P
CXS SERIES COPPER MECHANICAL LUGS
02 2/14
More results

Similar Description - CXS

ManufacturerPart #DatasheetDescription
logo
3M Electronics
371 3M-371 Datasheet
570Kb / 4P
3M™ Scotch® Industrial Box Sealing Tape 371
May-2017
372 3M-372 Datasheet
562Kb / 4P
3M??Scotch짰 Performance Box Sealing Tape 372
313 3M-313 Datasheet
560Kb / 4P
3M ??Scotch짰 Box Sealing Tape 313
369 3M-369 Datasheet
133Kb / 4P
3M™ Tartan™ Box Sealing Tape 369
Jun-2017
481 3M-481 Datasheet
130Kb / 6P
3M™ Preservation Sealing Tape 481
Jun-2010
SJ-1FB 3M-SJ-1FB Datasheet
76Kb / 4P
3M Cold Shrink Foldback Splice Jacket Kits
7620-S 3M-7620-S Datasheet
272Kb / 16P
3M Cold Shrink QT-III Silicone Rubber Skirted and Inverted Skirted Termination Kits
Rev E
8777 3M-8777 Datasheet
137Kb / 5P
3M™ Sealing Tape 8777
Jun-2011
HDT-0300-48A 3M-HDT-0300-48A Datasheet
64Kb / 3P
3M??Heat Shrink Tubing HDT
November 2018
5550 3M-5550 Datasheet
52Kb / 4P
Cold Shrink] Rubber Splicing Kits
1996
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com