Electronic Components Datasheet Search
  English  ▼

X  

CXS Datasheet(PDF) 3 Page - 3M Electronics

Part # CXS
Description  3M Cold Shrink Sealing Kit CXS Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

CXS Datasheet(HTML) 3 Page - 3M Electronics

  CXS Datasheet HTML 1Page - 3M Electronics CXS Datasheet HTML 2Page - 3M Electronics CXS Datasheet HTML 3Page - 3M Electronics CXS Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Application Chart
Kit Number
Sealing Application Sizes for DIN or
Type N Coax Cable Connectors
CXS-1
1/4” - 7/8” Cable to 1/4” - 7/8” Cable
CXS-2
1/4” - 1 5/8” Cable to 1 1/4” - 1 5/8” Cable
1 1/4” - 1 5/8” Cable to Antenna or Surge Arrestor
CXS-3
1/4” - 2 1/4” Cable to 1 1/4” - 2 1/4” Cable
1 1/4” - 2 1/4” Cable to Antenna or Surge Arrestor
CXS-4
1/4” - 7/8” Cable to Antenna or Surge Arrestor
Specifications
Product
3M™ Cold Shrink Coax Sealing Kits contain EPDM rubber sleeves that are applied without heat or flame. Where cable-to-
connector diameter ratios dictate the need, foam strips serve as a dimensional spacer between smaller coax cables and the
minimum sealing diameter of the cold shrink tubing. The cold shrink tubing assembly serves as an outer seal which seals on the
O.D. of the foam strip or coax cable. The coax cable seal kit provides a moisture seal when installed on the coax cable/connector
combinations listed in the “Application Chart.” It is compatible with the coax cables and N or 7/16 DIN connectors.
Performance Tests
One of the critical characteristics for cold shrink tubing is "permanent set," which is the percentage of the tubing’s original
stretched deformation not recovered in a given period of time after the deforming force (plastic support core) has been removed.
3M tests both accelerated and long-term permanent set in the product’s expanded state to see that the rubber retains sufficient
elastic memory. Field experience, combined with laboratory test data, has shown that the EPDM cold shrink rubber compounds
exhibit excellent long-term memory characteristics. Because the coax cable/connector is larger than the original inside diameter
of the cold shrink tubing, a constant force exists between the cable and cold shrink tubing. 3M™ Cold Shrink Sealing Kits CXS
Series tubing will seal within minutes at 30° F (-1° C).
Physical Properties
Property
Value*
Color
Black
Moisture absorption
Following H20 submersion
7 days @ 90°C (194°F)
Weight gain
1.8%
UV Resistance (ASTM G-53)
UV Sources: UVB-313 type fluorescent
lamp, exposure
Time 2,000 hours
Passed+
Moisture resistance
3M TM-391
Passed
* - Typical values, not intended for specification purposes.
+ - No visible cracks or crazing revealed following 2,000-hour exposure.
Rubber samples maintained more than 80% of original tensile strength.
Ordering Information – 3M Cold Shrink Coax Sealing Kits
Part Number
Description
Stock Number
MOQ
CXS-1
Cold Shrink Weatherproofing Kit 1/4” - 7/8” Cable to 1/4” - 7/8” Cable
80611207673
40
CXS-2
Cold Shrink Weatherproofing Kit 1/4” - 1 5/8” Cable to 1 1/4” - 1 5/8” Cable
1 1/4” - 1 5/8” Cable to Antenna or Surge Arrestor
80611207681
40
CXS-3
Cold Shrink Weatherproofing Kit 1/4” - 2 1/4” Cable to 1 1/4” - 2 1/4” Cable
1 1/4” - 2 1/4” Cable to Antenna or Surge Arrestor
80611207699
35
CXS-4
Cold Shrink Weatherproofing Kit 1/4” - 7/8” Cable to Antenna or Surge Arrestor
80611207707
40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com