Electronic Components Datasheet Search
  English  ▼

X  

5380 Datasheet(PDF) 1 Page - 3M Electronics

Part # 5380
Description  Motor Lead Pigtail Splicing Kits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5380 Datasheet(HTML) 1 Page - 3M Electronics

  5380 Datasheet HTML 1Page - 3M Electronics 5380 Datasheet HTML 2Page - 3M Electronics 5380 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Motor Lead Pigtail Splicing Kits
5380 Series
For 5/8 kV Shielded and Non-Shielded Cables
Data Sheet
Product Description
3M™ Motor lead Splicing Kits 5380 Series are
a series of kits designed for splicing motor lead
cables to incoming feeder cables. These kits can
accommodate pigtail (stub) connections, 5/8 kV
shielded and non-shielded feeders.
The splice's main component, the lug or splice cover,
is made from EPDM rubber as a slip-on insulator.
Mastic is used for the moisture seal on the pigtail
kits. The kits utilize a high dielectric constant (K)
stress control termination for the feeder cable's
electrical stress control.
These kits are designed to be used with copper
compression lugs. After being crimped onto the
cables, the lugs are bolted together, then insulated
and sealed with the 3M Motor Lead Splicing Kits.
Each kit contains all the necessary materials (except
lugs) needed to make three splices. The lugs must
be purchased separately. 3M™ Scotchlok™ Copper
Compression Lugs 30000 Series, or other UL listed
copper lugs, can be used.
Kit Contents
Each kit contains sufficient quantities of the following
materials to make three splices (lugs and vinyl tape
are not included).
Features
• Complete kit: Everything needed to make three
splices (except the lugs and vinyl tape).
• Fast and simple installation.
• No torches or heat source required.
• No special tools required to install splice.
• Thick walls to resist puncture and abrasion
damage.
• High Dielectric constant stress control included
with 5/8 kV kits for shielded feeder cables, for
minimizing size and electrical stress.
• Easy reentry.
Applications
3M Motor Lead Splicing Kits 5380 Series can be
used on cables with a rated operating temperature of
90˚C and an emergency overload rating of 130˚C.
To splice (insulate and seal) motor lead connections
for:
• 5/8 kV shielded and non-shielded feeder cables
sized 8 AWG to 500 kcmil
• Polyethylene cable
• Cross linked polyethylene cable (XLP)
• Ethylene propylene rubber cable (EPR)
• Copper conductors


Similar Part No. - 5380

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5380 VCC-5380 Datasheet
95Kb / 1P
T-1 3/4 Right Angle LED Assembly
logo
Festo Corporation.
538000 FESTO-538000 Datasheet
92Kb / 1P
Sub-base
8/3/22
538004 FESTO-538004 Datasheet
92Kb / 1P
Precision pressure regulator
3/18/22
logo
Lapp.
53800579 LAPP-53800579 Datasheet
83Kb / 1P
SKINTOP® DV
03.07.2018
53800583 LAPP-53800583 Datasheet
83Kb / 1P
SKINTOP® DV
03.07.2018
More results

Similar Description - 5380

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AVR601 ATMEL-AVR601 Datasheet
2Mb / 9P
Atmel Modular Evaluation Kits for Motor Control Applications
logo
TE Connectivity Ltd
C-293545 TEC-C-293545 Datasheet
277Kb / 1P
SPLICING CONNECTOR
logo
3M Electronics
130C 3M-130C Datasheet
115Kb / 3P
Linerless Rubber Splicing Tape 130C
Rev D
9464 3M-9464 Datasheet
344Kb / 3P
Splicing Tapes
Dec-2007
253 3M-253 Datasheet
14Kb / 2P
Silicone Splicing Tape
05-May-2002
5815 3M-5815 Datasheet
561Kb / 10P
Modular Splicing System
5300 3M-5300 Datasheet
85Kb / 4P
3M??Motor Lead Splicing Kits
82-F 3M-82-F Datasheet
89Kb / 3P
3M™ Scotchcast™ Flexible Power Cable Splicing Kits
Sep-2012
logo
EXCEL CELL ELECTRONIC C...
ECT ECE-ECT Datasheet
191Kb / 3P
SPLICING CONNECTOR FOR TELECOMMUNICATION
logo
3M Electronics
5550 3M-5550 Datasheet
52Kb / 4P
Cold Shrink] Rubber Splicing Kits
1996
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com