Electronic Components Datasheet Search
  English  ▼

X  

5380 Datasheet(PDF) 2 Page - 3M Electronics

Part # 5380
Description  Motor Lead Pigtail Splicing Kits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5380 Datasheet(HTML) 2 Page - 3M Electronics

  5380 Datasheet HTML 1Page - 3M Electronics 5380 Datasheet HTML 2Page - 3M Electronics 5380 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
Typical Physical and Electrical
Properties
EPDM Rubber
Physical Properties
Test Method
Typical Value*
• Color
Black
• 300% Modulus
480 psi
(ASTM D-412)
(3,3 MPa)
• Ultimate Tensile Strength
1400 psi
(ASTM D-412)
(9,6 MPa)
• Ultimate Elongation
750%
(ASTM D-412)
• Die C Tear
150 ppi
(ASTM D-624C)
(26,3 KN/m)
Electrical Properties
Test Method
Typical Value*
• Dielectric Strength
(ASTM D-149)
Original
365 V/mil
(14,3 MV/m)
7 days in H2O
282 V/mil
90˚C (194˚F)
(11,1 MV/m)
* All values are averages and are not intended for specification
purposes.
Splice Selection Table
Typical Dimensions
5/8 kV Pigtail (non-shielded)
(Grounding not shown)
Kit
Number
L
(boot only)
L w/Ground
Strap
L w/o Ground
Strap
5381
8.75"
(222 mm)
11.75"
(298 mm)
8.50"
(215 mm)
5382
9.00"
(228 mm)
12.00"
(304 mm)
8.75"
(222 mm)
5383
10.25"
(260 mm)
13.25"
(336 mm)
10.00"
(254 mm)
5384
11.50"
(292 mm)
14.50"
(368 mm)
11.25"
(285 mm)
Maintenance
Components within this kit are stable under normal
storage conditions. Normal stock rotation practices
are recommended. The mastic and 3M™ Cold
Shrink Insulators are not impaired by freezing or
heated storage up to the flow temperature of the
mastic. 3M Cold Shrink removable core material is
polypropylene and recyclable with other �
��
waste.
Specifications
Product
The motor lead boot assembly must have a voltage
class rating equal to or greater than the cable being
terminated. The rating shall be 5 or 8.7 kV as an
IEEE Standard 48-1990 Class 1 termination. It must
have a maximum continuous operating temperature
rating of 90˚C, with an emergency overload rating
of 130˚C. The termination stress control shall be
capacitive and constructed of a Hi-K EPDM rubber
tube. The installation procedure shall require using
silicone grease. The motor lead boot kit shall
include all materials required (except lug) and
shall accommodate shielded cables (tape, wire or
Unishield®) and non-shielded cables.
Shelf Life
Maximum recommended storage temperature is
43˚C (110˚F). The termination assembly portion of
the motor lead boot kit is not affected by freezing
storage temperatures. Normal stock rotation is
recommended. As provided, the motor lead boot kit
has an on-shelf storage life of three years from the
date of manufacture.
Kit
Number
Cable Size Range
(AWG/kcmil)
Feeder Cable Insulation
O.D. Range
Max. Bolt
Length
Max. Lug
Length
ID of Boot to
Size of Cables
Feeder
Motor
Lead
5381
8 – 4
10 – 4
0.30 – 0.51" (7,6–13 mm)
5/8" (16 mm)
2 1/2" (63,5 mm)
0.90" (23 mm)
5382
2 – 1/0
4 – 1/0
0.43 – 0.65" (11–16,5 mm)
3/4" (19 mm)
2 3/4" (70 mm)
1.16" (29 mm)
5383
1/0 – 250
2 – 250
0.53 – 0.88" (13,5–22,4 mm)
1 1/4" (32 mm)
4" (102 mm)
1.60" (41 mm)
5384
250 – 500
4/0 – 500
0.75 – 1.12" (19–28,4 mm)
1 1/2" (38 mm)
5 1/2" (140 mm)
2.06" (52 mm)
L



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com