Electronic Components Datasheet Search
  English  ▼

X  

4710 Datasheet(PDF) 2 Page - 3M Electronics

Part # 4710
Description  3M??Novec??4710 Insulating Gas
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4710 Datasheet(HTML) 2 Page - 3M Electronics

  4710 Datasheet HTML 1Page - 3M Electronics 4710 Datasheet HTML 2Page - 3M Electronics 4710 Datasheet HTML 3Page - 3M Electronics 4710 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Key Features and Benefits
• Excellent dielectric properties for medium and high voltage applications
• Wide range of operating temperatures and environments
• When used in a gas mixture, the greenhouse gas (GHG) impact can be reduced by up to 99% compared with SF6
• Non-flammable
• Non-ozone depleting
• Wide safety margin for workers when used as designed for intended applications
• Compatible with a wide range of equipment components
Temperature (ºF)
-40
0
20
40
60
80
100
120
140
-30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140
Vapor Pressure of Novec 4710 Insulating Gas compared to SF6
Not for specification purposes. All values @ 77°F unless otherwise specified.
Novec 4710 gas
SF6
Vapor Pressure of Novec 4710 Insulating Gas compared to SF₆
Not for specification purposes. All values @ 77°F unless otherwise specified
Dielectric Breakdown Voltage of Novec 4710
Gas/CO₂ Mixtures compared to SF₆
(Uniform field using parallel disk electrodes with 0.1 inch gap)
Not for specification purposes. All values @ 77°F unless otherwise specified.
Pressure (psia)
Novec 4710 gas
80
70
60
50
40
30
20
10
0
0
20
40
60
80
100
120
140
160
SF₆
20 mole% Novec 4710 gas in CO2
15 mole% Novec 4710 gas in CO2
10 mole% Novec 4710 gas in CO2
5 mole% Novec 4710 gas in CO2
CO2
Dielectric Breakdown Voltage: Mixtures of Novec 4710 Gas in CO2
(Uniform field using parallel disk electrodes with 0.1 inch gap)
Not for specification purposes. All values @ 77°F unless otherwise specified



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com